| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
MSP430F6776IPZ Datasheet(PDF) 27 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
MSP430F6776IPZ Datasheet(HTML) 27 Page - Texas Instruments |
|
27 / 157 page ![]() ECCN 5E002 TSPA - Technology / Software Publicly Available MSP430F677x MSP430F676x MSP430F674x www.ti.com SLAS768C – SEPTEMBER 2012 – REVISED APRIL 2013 Table 9. Interrupt Sources, Flags, and Vectors (continued) SYSTEM WORD INTERRUPT SOURCE INTERRUPT FLAG PRIORITY INTERRUPT ADDRESS Comparator_B Comparator_B Interrupt Flags (CBIV) (1) Maskable 0FFCAh 37 AES AESRDYIFG Maskable 0FFC8h 36 0FFC6h 35 Reserved Reserved(5) ⋮ ⋮ 0FF80h 0, lowest (5) Reserved interrupt vectors at addresses are not used in this device and can be used for regular program code if necessary. To maintain compatibility with other devices, it is recommended to reserve these locations. Special Function Registers (SFRs) The MSP430 SFRs are located in the lowest address space and can be accessed via word or byte formats. Legend rw: Bit can be read and written. rw-0,1: Bit can be read and written. It is reset or set by PUC. rw-(0,1): Bit can be read and written. It is reset or set by POR. rw-[0,1]: Bit can be read and written. It is reset or set by BOR. – SFR bit is not present in device. Table 10. Interrupt Enable 1 15 14 13 12 11 10 9 8 – – – – – – AUXSWNMIE – rw-0 7 6 5 4 3 2 1 0 JMBOUTIE JMBINIE ACCVIE NMIIE VMAIE – OFIE WDTIE rw-0 rw-0 rw-0 rw-0 rw-0 rw-0 rw-0 WDTIE Watchdog timer interrupt enable. Inactive if watchdog mode is selected. Active if watchdog timer is configured as a general-purpose timer. OFIE Oscillator fault interrupt enable VMAIE Vacant memory access interrupt enable NMIIE Nonmaskable interrupt enable ACCVIE Flash access violation interrupt enable JMBINIE JTAG mailbox input interrupt enable JMBOUTIE JTAG mailbox output interrupt enable AUXSWNMIE Supply switched non-maskable interrupt enable Table 11. Interrupt Flag 1 15 14 13 12 11 10 9 8 – – – – – – – – 7 6 5 4 3 2 1 0 JMBOUTIFG JMBINIFG – NMIIFG VMAIFG – OFIFG WDTIFG rw-[0] rw-[0] rw-0 rw-0 rw-0 rw-0 WDTIFG Set on watchdog timer overflow (in watchdog mode) or security key violation Reset on VCC power-on or a reset condition at the RST/NMI pin in reset mode OFIFG Flag set on oscillator fault VMAIFG Set on vacant memory access NMIIFG Set via RST/NMI pin JMBINIFG Set on JTAG mailbox input message JMBOUTIFG Set on JTAG mailbox output register ready for next message Copyright © 2012–2013, Texas Instruments Incorporated Submit Documentation Feedback 27 |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |