| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
75LOKWHT Datasheet(PDF) 16 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
75LOKWHT Datasheet(HTML) 16 Page - List of Unclassifed Manufacturers |
|
16 / 108 page ![]() www.andersonpower.com - 14 - All Data Subject To Change Without Notice | Standard to Metric Conversions | LENGTH LENGTH in inches 25.4 millimeters mm mm millimeters 0.039 inches in ft feet 0.305 meters m m meters 3.28 feet ft AREA AREA in2 square inches 645.2 square millimeters mm2 mm2 millimeters 0.0016 square inches in2 ft2 square feet 0.093 square meters m2 m2 square meters 10.764 square feet ft2 VOLUME VOLUME fl oz fluid ounces 29.57 milliliters mL mL milliliters 0.034 fluid ounces fl oz gal gallons 3.785 liters L L liters 0.264 gallons gal ft3 cubic feet 0.028 cubic meters m3 m3 cubic meters 35.314 cubic feet ft3 MASS MASS oz ounces 28.35 grams g g grams 0.035 ounces oz lb pounds 0.454 kilograms kg kg kilograms 2.202 pounds lb TEMPERATURE TEMPERATURE (F-32) x 5 / 9 or oF Fahrenheit (F-32) / 1.8 Celsius oC oC Celsius 1.8C + 32 Fahrenheit o F FORCE and PRESSURE or STRESS FORCE and PRESSURE or STRESS lbf poundforce 4.45 newtons N N newtons 0.225 poundforce lbf lbf/in 2 poundforce per square 6.89 kilopascals kPa kPa kilopascals 0.145 poundforce per square inch lbf/in2 Approximate Conversions From: Standard / US Customary To: SI / Metric Units Approximate Conversions From: SI / Metric Units To: Standard / US Customary When You Know Multiply By To Find Symbol When You Know Multiply By To Find Symbol inch Symbol Symbol |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |