Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

75LOKWHT Datasheet(PDF) 92 Page - List of Unclassifed Manufacturers

No. de pieza 75LOKWHT
Descripción Electrónicos  POWERPOLE&MULTIPOLE
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ETC2 [List of Unclassifed Manufacturers]
Página de inicio  
Logo ETC2 - List of Unclassifed Manufacturers

75LOKWHT Datasheet(HTML) 92 Page - List of Unclassifed Manufacturers

Back Button 75LOKWHT Datasheet HTML 88Page - List of Unclassifed Manufacturers 75LOKWHT Datasheet HTML 89Page - List of Unclassifed Manufacturers 75LOKWHT Datasheet HTML 90Page - List of Unclassifed Manufacturers 75LOKWHT Datasheet HTML 91Page - List of Unclassifed Manufacturers 75LOKWHT Datasheet HTML 92Page - List of Unclassifed Manufacturers 75LOKWHT Datasheet HTML 93Page - List of Unclassifed Manufacturers 75LOKWHT Datasheet HTML 94Page - List of Unclassifed Manufacturers 75LOKWHT Datasheet HTML 95Page - List of Unclassifed Manufacturers 75LOKWHT Datasheet HTML 96Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 108 page
background image
www.andersonpower.com
- 90 -
All Data Subject To Change Without Notice
| SBE®320 / SBX®350 Accessories |
Cable Clamps
Durable metal clamps adapt to a wide range of cable sizes. Cable
clamp kit includes Clamp Top and Bottom as well as the Hardware Bag.
Cable Size
Min / Max
Min / Max
Description
Inches O.D.
mm O.D.
- Part Number -
Minimum Quantity .....................................................
25 .........
Cable Clamp Kit
0.85 to 0.67
21.6 to 17.1
911G2
Handles
Handles are made out of durable PC plastic. Hardware
to attach to connector body included in kits.
Description
----- Part Numbers ------
Minimum Quantity ....
100
25 ...
Gray Handle Kit
995G2-APP
995G2
Red Handle Kit
995G4-APP
995G4
Handle Only, Gray
3-5074P1
-
Handle Only, Red
3-5074P3
-
Handle Only, Black
3-5074P5
-
Hardware Bag
-
106G7
| SBE®320 / SBX®350 CONNECTOR TEMPERATURE CHARTS|
Amperes Applied
300 MCM
4/0 AWG
3/0 AWG
2/0 AWG
1/0 AWG
SBE®320 / SBX®350
Temperature Rise at Constant Current
0
10
20
30
40
50
60
0 50 100 150 200 250 300 350 400 450
The given wire O.D. information is an estimate. Cable clamps should be
evaluated for performance with the actual wire to be used.
25
50
75
100
125
Amperes Applied
300 MCM
4/0 AWG
3/0 AWG
2/0 AWG
1/0 AWG
SBE®320 / SBX®350
Derating vs. Ambient Temperature
0
100
200 300 400
500



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More