| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
75LOKWHT Datasheet(PDF) 45 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
75LOKWHT Datasheet(HTML) 45 Page - List of Unclassifed Manufacturers |
|
45 / 108 page ![]() www.andersonpower.com - 43 - All Data Subject To Change Without Notice Powerpole® - Tooling Information AWG mm² Loose Piece Part Numbers Tin Plating Silver Plating Hand Tool Die Locator Number of Crimps Tin Plating Silver Plating ATS Applicator ATS Press Air Feed Kit* Wire Size or Pneumatic Bench Tool + + Loose Piece Contact Crimp Tool Reeled Part Numbers Reeled Contact Crimp Tools 16 / 20 12 / 16 16 / 20 16 / 20 16 / 20 12 / 16 10 / 14 12 / 16 10 / 14 10 / 14 10 / 14 10 / 14 1.3 / 0.52 N/A 1332 3.3 / 1.3 N/A 1331 1.3 / 0.52 262G1-LPBK 262G2-LPBK 262G1 262G2 1385519-1 1.5 / 0.52 200G2L-LPBK 200G4L-LPBK 200G2L 200G4L TBD 1.3 / 0.52 269G2-LPBK N/A 269G2 N/A 1385519-1 3.3 / 1.3 261G1-LPBK 261G4-LPBK 261G1 261G4 1385520-1 5.3 / 2.1 261G2-LPBK 261G3-LPBK 261G2 261G3 1385458-1 3.3 / 1.3 269G1-LPBK N/A 269G1 N/A 1385520-1 5.3 / 2.1 269G3-LPBK N/A 269G3 N/A 1385458-1 6.0 / 2.1 200G1L-LPBK 200G3L-LPBK 200G1L 200G3L 1385460-1 6.0 / 2.1 201G1H-LPBK 201G3H-LPBK 201G1H 201G3H 1385460-1 6.0 / 2.1 1830G1-LPBK 1830G2-LPBK 1830G1 1830G2 1385460-1 1307 5900 #8 8.4 5952 5953 5915 1/0 53.5 1323G2 #1 42.4 1323G1 #2 33.6 1319 #4 21.2 1319G4 #6 13.3 1319G6 3/0 85 1328G2 1303G12 2/0 53.5 1328G1 1303G13 #1 42.4 1347 1387G2 1303G13 1304G32 Double 1387G1 1388G3 1389G3 Single 1387G2 1303G13 1304G32 Double #6 13.3 1348 1387G1 1388G4 1389G3 Single * All ATS applicators for APP® contacts are air feed style, (except 1385870) and require the press to have an air feed kit installed. Double Single 1309G2 or 1309G8 1367G1 N/A 1309G3 or 1309G8 1309G6 or 1309G8 Single 1387G1 1388G6 1389G6 N/A N/A N/A Single N/A #6 13.3 1309G4 #10 / 12 5.3 / 3.3 N/A N/A 1368 1387G1 1387G2 1388G4 1389G4 1388G3 1304G32 1385523-1 1385522-1 265G6 1/0 53.5 1382 1387G1 #2 N/A 1368 1388G3 1389G3 265G5 N/A N/A N/A Single 1388G7 33.6 1383 #4 21.1 1384 N/A 1725900-2 or [3-54500-1] N/A N/A N/A 1424266-1 or [354578-1] 2-565435-2 692655-1 1725900-2 or [3-54500-1] 1424266-1 or [354578-1] N/A PP180 PP120 PP75 PP15 / 45 Flat Wiping Power & Ground NOTE: See website for the most current information. |