Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

75LOKWHT Datasheet(PDF) 49 Page - List of Unclassifed Manufacturers

No. de pieza 75LOKWHT
Descripción Electrónicos  POWERPOLE&MULTIPOLE
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ETC2 [List of Unclassifed Manufacturers]
Página de inicio  
Logo ETC2 - List of Unclassifed Manufacturers

75LOKWHT Datasheet(HTML) 49 Page - List of Unclassifed Manufacturers

Back Button 75LOKWHT Datasheet HTML 45Page - List of Unclassifed Manufacturers 75LOKWHT Datasheet HTML 46Page - List of Unclassifed Manufacturers 75LOKWHT Datasheet HTML 47Page - List of Unclassifed Manufacturers 75LOKWHT Datasheet HTML 48Page - List of Unclassifed Manufacturers 75LOKWHT Datasheet HTML 49Page - List of Unclassifed Manufacturers 75LOKWHT Datasheet HTML 50Page - List of Unclassifed Manufacturers 75LOKWHT Datasheet HTML 51Page - List of Unclassifed Manufacturers 75LOKWHT Datasheet HTML 52Page - List of Unclassifed Manufacturers 75LOKWHT Datasheet HTML 53Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 108 page
background image
www.andersonpower.com - 47 -
All Data Subject To Change Without Notice
SBE®320 - SBX®350
SBS®75X
&
SBS®75G
SBS®50
Explanation of Mechanical Voltage Keys
Features molded into the mating interface of the connector housing
prevent accidental cross mating of circuits. This molded feature
mechanically keys the connection so that only housings with the same
mating interface can be mated together.
Different mechanical keys can be easily recognized by the color of
the housing. This color coding corresponds to a voltage that industrial
trucks, batteries, and chargers have adopted as a standard to prevent
incompatible voltages from cross mating.
The same mechanical keying and color coding that is so successful for
industrial trucks, is also widely used in power electronics applications.
UPS systems, power supplies, personal mobility, and alternative
energy applications have all used this feature to ensure user safety.
Note: Some housings in the SB®50, SB®175, and SB®350 series have
different colored housings with a shared mechanical keying feature.
Please see the specific data sheet for details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More