Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

2600H11E Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

No. de pieza 2600H11E
Descripción Electrónicos  Midsize Illuminated and Non-Illuminated AC Only
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ETC2 [List of Unclassifed Manufacturers]
Página de inicio  
Logo ETC2 - List of Unclassifed Manufacturers

2600H11E Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  2600H11E Datasheet HTML 1Page - List of Unclassifed Manufacturers 2600H11E Datasheet HTML 2Page - List of Unclassifed Manufacturers 2600H11E Datasheet HTML 3Page - List of Unclassifed Manufacturers 2600H11E Datasheet HTML 4Page - List of Unclassifed Manufacturers 2600H11E Datasheet HTML 5Page - List of Unclassifed Manufacturers 2600H11E Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
1600-13E
1
High Inrush Option
Slow-make/Slow-break butt
contact with mechanical break.
Make:
High Inrush Option
100A peak inrush at 250V ac
for 10ms for 10,000
cycles minimum.
Break:
High Inrush Option
16A, 250V ac for 10,000
cycles minimum.
Contact Material:
Silver inlay over copper.
Contact Resistance:
10 M
Ω max. at 1A, 4V dc.
Mechanical Life:
50,000 cycles min.
Insulation Resistance:
100 M
Ω min.
Dielectric Withstand:
1000V RMS minimum.
Terminal Types:
Standard — 6.3mm
tabs/.250
″ Quick-connect.
Optional — Solder lug.
Termination Material:
Common (Center) — Copper
fine silver plated.
End — Copper.
Lamp — Brass.
Mounting:
See dimensions.
Operating
Temperature Range:
0°C to 85°C
(+32° to +185°F).
International ApprovalsQ:
ULW, CSA, VDE.
(See selection tables for
additional approvals).
1.15
1600HR21E
2600-12E
2600HA21E
36
°
22.55
± .05
(.888)
18
°
7.10
± .10
(.279)
7.30 max.
(.287)
27.18 max.
(1.070)
0.60
± .10
(.024)
19.20 nom.
(.756)
23.09
± .44
(.909)
Code "B" Alternative Solder Lug Only
Hole
Ø 2.50 nom.
(.098)
9.62
±
(.380)
.08
.07
8.90
±
(.351)
.26
.25
12.05
± .05
(.474)
12.27
± .07 (.483)
27.30
± .10
(1.075)
Panel Opening
Panel Thickness
0.75 -3.00
(.030 -.118)
Hole
Ø 2.70 nom.
(.106)
6.33
± .03
(.249) Wide
0.82
± .02
(.032) Thick
Combination Quick
Connect/Solder Lug
Code "E"
2.05
± .05
(.042)
24.95
± .30
(.982)
10.73
± .08
(.422)
1600/1600H TYPE BASE
10.73
± .08
(.422)
22.25
± .10 (.876)
27.30
± .10
(1.075)
Panel Opening
Panel Thickness
0.75 -3.00
(.030 -.118)
22.55
± .05
(.888)
7.10
± .10
(.279)
27.18 max.
(1.070)
6.33
± .03
(.249) Wide
0.82
± .02
(.032) Thick
26.05
± .05
(1.026)
0.60
± .10
(.024)
30.40 max.
(1.197)
Combination Quick
Connect/Solder Lug
Code "E"
2.05
± .05
(.042)
15.80
± .20
(.622)
26.10
± .10
(1.082)
8.31 nom.
(.327)
22.05
± .05
(.868)
24.95
± .30
(.982)
36
°
18
°
16.712
±
(.658)
.138
.137
19.20 nom.
(.756)
23.09
± .44
(.909)
Code "B" Alternative Solder Lug Only
Hole
Ø 2.50 nom.
(.098)
9.62
±
(.380)
.08
.07
8.90
±
(.351)
.26
.25
7.30 max.
(.287)
Hole
Ø 2.70 nom.
(.106)
2600/2600H TYPE BASE
DIMENSIONS
APPROXIMATE IN MM (INCHES)
Q Refer to selection table for more information.
W Splashguard is not UL Approved.
59-01 Rocker Section 1 part 1
1/26/99
3:42 PM
Page 1.15



Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com