Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

2600H11E Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

No. de pieza 2600H11E
Descripción Electrónicos  Midsize Illuminated and Non-Illuminated AC Only
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ETC2 [List of Unclassifed Manufacturers]
Página de inicio  
Logo ETC2 - List of Unclassifed Manufacturers

2600H11E Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  2600H11E Datasheet HTML 1Page - List of Unclassifed Manufacturers 2600H11E Datasheet HTML 2Page - List of Unclassifed Manufacturers 2600H11E Datasheet HTML 3Page - List of Unclassifed Manufacturers 2600H11E Datasheet HTML 4Page - List of Unclassifed Manufacturers 2600H11E Datasheet HTML 5Page - List of Unclassifed Manufacturers 2600H11E Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
ROCKER SWITCHES
1
1.18
SPLASHGUARD ROCKER SELECTION TABLEQ
Rating W
Poles
and
Throw
Circuit with Rocker in
UP
CENTER
DOWN
Position
Position
Position
1 P. S.T.
NONE
OFF
ON
B1600
1
NONE
OFF
ON*
B1601
3
1 P. D.T.
NONE
ON
ON
B1602
5
ON
OFF
ON
B1604
6
1 P. D.T.
ON*
OFF
ON*
B1606
9
ON*
OFF
ON
B1607
8
2 P. S.T.
NONE
OFF
ON
B2600
10
NONE
OFF
ON*
B2601
11
2 P. D.T.
NONE
ON
ON
B2602
13
ON
OFF
ON
B2604
14
2 P. D.T.
ON*
OFF
ON*
B2606
17
ON*
OFF
ON
B2607
16
Black
-1
1
2
3
E
Black
White
Red
6.3mm Tabs/
0.250
″ Quick
Connect
CIRCUIT
NUMBER
SEE
PAGE 4.29
BASE
CIRCUIT
* Momentary contact.
Q Splashguard is not UL Approved.
W All circuits also rated 10A, 28V dc resistive.
CODE LETTERS AND NUMBERS — ADD TO BASE CIRCUIT NUMBER
Base Color
Rocker Color
Termination
Termination
Color
Code
Color
Code
Type
Code
16A, 125V ac
10A, 250V ac
10A, 125V ac
10A, 250V ac
Start with this
...to get to your
Base Circuit Number
...add each appropriate Code Number or Letter...
Complete Catalog Number
Base Circuit
Base
Rocker
Termination
Complete
Catalog Number
Color
Color
Type
Catalog Number
B1600
-1
1
E
B1600-11E
HOW TO ORDER — SPLASHGUARD ROCKER
To determine your Complete Catalog Number you must start with the appropriate Base Circuit Number and add the appropriate Code Letters and/or
Numbers as in the example below:
Midsize Illuminated and Non-Illuminated AC Only
Rocker Switches — 1600/2600 Series (continued)
Splash Guard
16A, 125V ac
10A, 250V ac
16A, 125V ac
10A, 250V ac
10A, 125V ac
10A, 250V ac
12.05
± .05
(.474)
One Pole
22.05
± .05
(.868)
12.70
(.500)
45.72
(1.800)
Ø 14.22(2)
(.560)
25.40
(1.000)
26.05
± .05
(1.026)
19.26
± .14
(.758)
22.05
± .05
(.888)
27.18
(1.070)
Two Pole
Hole
Ø 2.70 nom.
(.106)
Hole
Ø 2.70 nom.
(.106)
(.249) Wide
+.03
-.02
10.75
(.424)
+.11
-.10
(.032) Thick
+.02
-.01
17
°
12.27
± .07
(.483)
27.30
± .10
(1.075)
Panel Opening
Panel
Thickness
0.75 -3.00
(.030 -.118)
22.25
± .10
(.876)
27.30
± .10
(1.075)
Panel Opening
Panel
Thickness
0.75 -3.00
(.030 -.118)
6.32
0.81
SPLASHGUARD
DIMENSIONS
APPROXIMATE IN MM (INCHES)
59-01 Rocker Section 1 part 1
1/26/99
3:42 PM
Page 1.18



Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com