Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

2600H11E Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

No. de pieza 2600H11E
Descripción Electrónicos  Midsize Illuminated and Non-Illuminated AC Only
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ETC2 [List of Unclassifed Manufacturers]
Página de inicio  
Logo ETC2 - List of Unclassifed Manufacturers

2600H11E Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  2600H11E Datasheet HTML 1Page - List of Unclassifed Manufacturers 2600H11E Datasheet HTML 2Page - List of Unclassifed Manufacturers 2600H11E Datasheet HTML 3Page - List of Unclassifed Manufacturers 2600H11E Datasheet HTML 4Page - List of Unclassifed Manufacturers 2600H11E Datasheet HTML 5Page - List of Unclassifed Manufacturers 2600H11E Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
ROCKER SWITCHES
1
Midsize Illuminated and Non-Illuminated AC Only
Rocker Switches — 1600/2600 Series (continued)
Start with this
...to get to your
Base Circuit Number
...add each appropriate Code Number or Letter...
Complete Catalog Number
Base Circuit
Independent
Lens/Rocker
Lamp
Base &
Termination
Legend
Complete
Catalog Number
Lamp
Color
Voltage
Bezel Color
Type
(optional)
Catalog Number
1621
X
W
5
3
E
038
1621XW53E038
HOW TO ORDER — ILLUMINATED ROCKERS
To determine your Complete Catalog Number, you must start with the appropriate Base Circuit Number and add the
appropriate Code Letters and/or Numbers as in the example below:
ILLUMINATED ROCKERS SELECTION TABLE
(BOLD FACE TYPE INDICATES ITEMS NORMALLY IN DISTRIBUTOR STOCK)
Rating
Amber
Green
Red
White
(Clear)
A
G
R
W
No Lamp
125V Neon
250V Neon
6V Filament
12V Filament
24V Filament
0
1
2
4
5
6
Black
White
Red
1
2
3
E
B
6.3mm Tabs/
.250
″ Quick
Connect
Solder Lugs
See
Page 1.19
Poles
and
Throw
Circuit with Rocker in
UP
CENTER DOWN Q
Position
Position
Position
ON
NONE
OFF
1600
18
ON*
NONE
OFF
1601
21
1 P. S.T.
ON
NONE
OFF
1620X
20
ON*
NONE
OFF
1621X
ON
NONE
OFF*
1625X
1 P. D.T.
ON
NONE
ON
1622X
ON
NONE
ON*
1623X
1 P. D.T.
ON
OFF
ON
1624X
ON*
OFF
ON*
1626X
1 P. D.T.
ON*
OFF
ON
1627X
ON
NONE
OFF
2600
28
2 P. S.T.
ON*
NONE
OFF
2601
30
ON
NONE
OFF*
2605
31
Indicator
1609
32
CODE LETTERS AND NUMBERS — ADD TO BASE CIRCUIT NUMBER
Lens/Rocker
Lamp
Base &
Termination
Legend
Color
Voltage
Bezel Color
Type
(optional)
Color
Code
Voltage
Code
Color
Code
Type
Code
Code
*Momentary Contact.
Q 1600 Type — Rocker depressed toward terminal #2.
2600 Type — Rocker depressed toward terminals #13 and #26.
W #1600 — #1609 switches are supplied in 1600 type base.
#1620 — #1627 switches are supplied in 2600 type base. (Must have “X” code).
#2600 — #2605 switches are supplied in 2600 type base.
E UL, CSA: 8A, 14V dc (T).
R VDE: 16(4)A 250V ac T85µ Lamp 125V and 250V. Marked on request only.
T UL, CSA: 8A, 14V dc (T). Marked on request only.
Y VDE: 10(2)A, 250V ac T85µ Lamp 125V and 250V.
BASE
CIRCUIT
W
CIRCUIT
NUMBER
SEE
PAGE 4.29
16A, 125V ac
16A, 250V acE
16(4)A, 250V acR
16A, 125V ac E
16A, 250V ac E
10(2)A, 250V acT
10A, 125V ac
10A, 250V ac
10(2)A, 250V acY
16A, 125V ac
16A, 250V ac E
16(4)A, 250V acR
1.16
59-01 Rocker Section 1 part 1
1/26/99
3:42 PM
Page 1.16



Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com