Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

2600H11E Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

No. de pieza 2600H11E
Descripción Electrónicos  Midsize Illuminated and Non-Illuminated AC Only
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ETC2 [List of Unclassifed Manufacturers]
Página de inicio  
Logo ETC2 - List of Unclassifed Manufacturers

2600H11E Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  2600H11E Datasheet HTML 1Page - List of Unclassifed Manufacturers 2600H11E Datasheet HTML 2Page - List of Unclassifed Manufacturers 2600H11E Datasheet HTML 3Page - List of Unclassifed Manufacturers 2600H11E Datasheet HTML 4Page - List of Unclassifed Manufacturers 2600H11E Datasheet HTML 5Page - List of Unclassifed Manufacturers 2600H11E Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Start with this
...to get to your
Base Circuit Number
...add each appropriate Code Number or Letter...
Complete Catalog Number
Base Circuit
Finish
Base & Bezel
Rocker
Termination
Legend
Complete
Catalog Number
Color
Color
Type
(optional)
Catalog Number
1600H
M
2
1
E
038
1600HM21E038
HOW TO ORDER — NON-ILLUMINATED HIGH INRUSH ROCKERS
To determine your Complete Catalog Number, you must start with the appropriate Base Circuit Number and add the
appropriate Code Letters and/or Numbers as in the example below:
NON-ILLUMINATED HIGH INRUSH ROCKERS SELECTION TABLE
(BOLD FACE TYPE INDICATES ITEMS NORMALLY IN DISTRIBUTOR STOCK)
Rating
Standard
(Glossy)
Matte
R
M
Black
White
Red
1
2
3
Black
White
Red
1
2
3
6.3mm Tabs/
.250
″ Quick Connect
E
See
Page 1.19
Poles
and
Throw
Circuit with Rocker in
UP
CENTER DOWN Q
Position
Position
Position
1 P. S.T.
ON
NONE
OFF
1600H
1
ON
NONE
OFF
1620H W
2
2 P. S.T.
ON
NONE
OFF
2600H
10
CODE LETTERS AND NUMBERS — ADD TO BASE CIRCUIT NUMBER
Finish
Base & Bezel
Rocker
Termination
Legend
Color
Color
Type
(optional)
Type
Code
Color
Code
Color
Code
Termination
Code
Type
*Momentary Contact.
Q 1600H Type — Rocker depressed toward terminal #2.
2600H Type — Rocker depressed toward terminals #13 and #26.
W #1620H switch is supplied in 2600H base.
E UL, CSA: 1 Hp @ 125V or 250V ac; 6A, 125V ac (L) rating; 10A, 14V dc (T).
BEAB, VDE, SEMKO: 16(4)A 250V ac T85.
R No code required.
BASE
CIRCUIT
CIRCUIT
NUMBER
SEE
PAGE 4.29
22A, 125V ac
16A, 250V ac
16(4)A, 250V ac
E
Start with this
...to get to your
Base Circuit Number
...add each appropriate Code Number or Letter...
Complete Catalog Number
Base Circuit
Lens/Rocker
Lamp
Base & Bezel
Termination
Legend
Complete
Catalog Number
Color
Voltage
Color
Type
(optional)
Catalog Number
1600H
R
2
1
E
038
1600HR21E038
HOW TO ORDER — ILLUMINATED HIGH INRUSH ROCKERS
To determine your Complete Catalog Number, you must start with the appropriate Base Circuit Number and add the
appropriate Code Letters and/or Numbers as in the example below:
Q 1600H Type — Rocker depressed toward terminal #3
.
1620H Type — Rocker depressed toward terminals #13 and #26.
2600H Type — Rocker depressed toward terminals #13 and #26.
W #1620H switch is supplied in 2600H type base. (Must have “X” code).
E UL, CSA: 1 Hp @ 125V or 250V ac; 6A, 125V ac (L) rating; 10A, 14V dc (T).
VDE: 16(4)A 250V ac T85 Lamp 125V and 250V. Marked on request only.
ILLUMINATED HIGH INRUSH ROCKERS SELECTION TABLE
(BOLD FACE TYPE INDICATES ITEMS NORMALLY IN DISTRIBUTOR STOCK)
Rating
Amber
Green
Red
White
(Clear)
A
G
R
W
No Lamp
125V Neon
250V Neon
6V Filament
12V Filament
24V Filament
0
1
2
4
5
6
Black
White
Red
1
2
3
E
6.3mm Tabs/
.250
″ Quick
Connect
See
Page 1.19
Poles
and
Throw
Circuit with Rocker in
UP
CENTER DOWN Q
Position
Position
Position
1 P. S.T.
ON
NONE
OFF
1600H
18
ON
NONE
OFF
1620HX W
19
2 P. S.T.
ON
NONE
OFF
2600H
28
INDICATOR
1609
32
CODE LETTERS AND NUMBERS — ADD TO BASE CIRCUIT NUMBER
Lens/Rocker
Lamp
Base &
Termination
Legend
Color
Voltage
Bezel Color
Type
(optional)
Color
Code
Voltage
Code
Color
Code
Type
Code
Code
BASE
CIRCUIT
CIRCUIT
NUMBER
SEE
PAGE 4.29
22A, 125V ac
16A, 250V ac
16(4)A, 250V ac
E
1
1.17
59-01 Rocker Section 1 part 1
1/26/99
3:42 PM
Page 1.17



Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com