Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

MB89P173 Datasheet(PDF) 41 Page - fujitsu semiconductor

No. de pieza MB89P173
Descripción Electrónicos  8-bit Proprietary Microcontroller
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FUJITSU [fujitsu semiconductor]
Página de inicio  
Logo FUJITSU - fujitsu semiconductor

MB89P173 Datasheet(HTML) 41 Page - fujitsu semiconductor

Back Button MB89P173 Datasheet HTML 37Page - fujitsu semiconductor MB89P173 Datasheet HTML 38Page - fujitsu semiconductor MB89P173 Datasheet HTML 39Page - fujitsu semiconductor MB89P173 Datasheet HTML 40Page - fujitsu semiconductor MB89P173 Datasheet HTML 41Page - fujitsu semiconductor MB89P173 Datasheet HTML 42Page - fujitsu semiconductor MB89P173 Datasheet HTML 43Page - fujitsu semiconductor MB89P173 Datasheet HTML 44Page - fujitsu semiconductor MB89P173 Datasheet HTML 45Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 50 page
background image
41
MB89170/170A/170L Series
s INSTRUCTIONS (136 INSTRUCTIONS)
Execution instructions can be divided into the following four groups:
• Transfer
• Arithmetic operation
• Branch
•Others
Table 1 lists symbols used for notation of instructions.
Table 1
Instruction Symbols
Symbol
Meaning
dir
Direct address (8 bits)
off
Offset (8 bits)
ext
Extended address (16 bits)
#vct
Vector table number (3 bits)
#d8
Immediate data (8 bits)
#d16
Immediate data (16 bits)
dir: b
Bit direct address (8:3 bits)
rel
Branch relative address (8 bits)
@
Register indirect (Example: @A, @IX, @EP)
A
Accumulator A (Whether its length is 8 or 16 bits is determined by the instruction in use.)
AH
Upper 8 bits of accumulator A (8 bits)
AL
Lower 8 bits of accumulator A (8 bits)
T
Temporary accumulator T (Whether its length is 8 or 16 bits is determined by the instruction in use.)
TH
Upper 8 bits of temporary accumulator T (8 bits)
TL
Lower 8 bits of temporary accumulator T (8 bits)
IX
Index register IX (16 bits)
EP
Extra pointer EP (16 bits)
PC
Program counter PC (16 bits)
SP
Stack pointer SP (16 bits)
PS
Program status PS (16 bits)
dr
Accumulator A or index register IX (16 bits)
CCR
Condition code register CCR (8 bits)
RP
Register bank pointer RP (5 bits)
Ri
General-purpose register Ri (8 bits, i = 0 to 7)
×
Indicates that the very
× is the immediate data.
(Whether its length is 8 or 16 bits is determined by the instruction in use.)
(
× )
Indicates that the contents of
× is the target of accessing.
(Whether its length is 8 or 16 bits is determined by the instruction in use.)
((
× ))
The address indicated by the contents of
× is the target of accessing.
(Whether its length is 8 or 16 bits is determined by the instruction in use.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com