Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

MB89P173 Datasheet(PDF) 10 Page - fujitsu semiconductor

No. de pieza MB89P173
Descripción Electrónicos  8-bit Proprietary Microcontroller
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FUJITSU [fujitsu semiconductor]
Página de inicio  
Logo FUJITSU - fujitsu semiconductor

MB89P173 Datasheet(HTML) 10 Page - fujitsu semiconductor

Back Button MB89P173 Datasheet HTML 6Page - fujitsu semiconductor MB89P173 Datasheet HTML 7Page - fujitsu semiconductor MB89P173 Datasheet HTML 8Page - fujitsu semiconductor MB89P173 Datasheet HTML 9Page - fujitsu semiconductor MB89P173 Datasheet HTML 10Page - fujitsu semiconductor MB89P173 Datasheet HTML 11Page - fujitsu semiconductor MB89P173 Datasheet HTML 12Page - fujitsu semiconductor MB89P173 Datasheet HTML 13Page - fujitsu semiconductor MB89P173 Datasheet HTML 14Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 50 page
background image
10
MB89170/170A/170L Series
• External EPROM pins (the MB89PV170A only)
* : MQP-48C-P01
Pin no.
Pin name
I/O
Function
MQFP*
49
VPP
O
“H” level output pin
50
51
52
53
54
55
58
59
60
A12
A7
A6
A5
A4
A3
A2
A1
A0
O
Address output pins
61
62
63
O1
O2
O3
I
Data input pins
64
VSS
O
Power supply (GND) pin
65
66
67
68
69
O4
O5
O6
O7
O8
I
Data input pins
70
CE
O
ROM chip enable pin
Outputs “H” during standby.
71
A10
O
Address output pin
73
OE
O
ROM output enable pin
Outputs “L” at all times.
75
76
77
78
79
A11
A9
A8
A13
A14
O
Address output pins
80
VCC
O
EPROM power supply pin
56
57
72
74
N.C.
—
Internally connected pin
Be sure to leave them open.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com