Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

MB89P173 Datasheet(PDF) 28 Page - fujitsu semiconductor

No. de pieza MB89P173
Descripción Electrónicos  8-bit Proprietary Microcontroller
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FUJITSU [fujitsu semiconductor]
Página de inicio  
Logo FUJITSU - fujitsu semiconductor

MB89P173 Datasheet(HTML) 28 Page - fujitsu semiconductor

Back Button MB89P173 Datasheet HTML 24Page - fujitsu semiconductor MB89P173 Datasheet HTML 25Page - fujitsu semiconductor MB89P173 Datasheet HTML 26Page - fujitsu semiconductor MB89P173 Datasheet HTML 27Page - fujitsu semiconductor MB89P173 Datasheet HTML 28Page - fujitsu semiconductor MB89P173 Datasheet HTML 29Page - fujitsu semiconductor MB89P173 Datasheet HTML 30Page - fujitsu semiconductor MB89P173 Datasheet HTML 31Page - fujitsu semiconductor MB89P173 Datasheet HTML 32Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 50 page
background image
28
MB89170/170A/170L Series
s ELECTRICAL CHARACTERISTICS
1. Absolute Maximum Ratings
(VSS = 0.0 V)
WARNING: Semiconductor devices can be permanently damaged by application of stress (voltage, current,
temperature, etc.) in excess of absolute maximum ratings. Do not exceed these ratings.
Parameter
Symbol
Value
Unit
Remarks
Min.
Max.
Power supply voltage
VCC
VSS – 0.3
VSS + 7.0
V
Input voltage
VI
VSS – 0.3
VCC + 0.3
V
Except P40 to P44
VI2
VSS – 0.3
VCC + 0.3
V
P40 to P44
(with pull-up option)
VSS – 0.3
VSS + 7.0
V
P40 to P44
(without pull-up option)
Output voltage
VO
VSS – 0.3
VCC + 0.3
V
Except P40 to P44
VO2
VSS – 0.3
VCC + 0.3
V
P40 to P44
(with pull-up option)
VSS – 0.3
VSS + 7.0
V
P40 to P44
(without pull-up option)
“L” level maximum output
current
IOL
10
mA
“L” level average output current
IOLAV
4mA
Average value (operating
current
× operating rate)
“L” level total maximum output
current
ΣIOL
100
mA
“L” level total average output
current
ΣIOLAV
20
mA
Average value (operating
current
× operating rate)
“H” level maximum output
current
IOH
–10
mA
“H” level average output current
IOHAV
–2
mA
Average value (operating
current
× operating rate)
“H” level total maximum output
current
ΣIOH
–25
mA
“H” level total average output
current
ΣIOHAV
–10
mA
Average value (operating
current
× operating rate)
Power consumption
PD
200
mW
Operating temperature
TA
–40
+85
°C
Storage temperature
Tstg
–55
+150
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com