Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

MB89P173 Datasheet(PDF) 15 Page - fujitsu semiconductor

No. de pieza MB89P173
Descripción Electrónicos  8-bit Proprietary Microcontroller
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FUJITSU [fujitsu semiconductor]
Página de inicio  
Logo FUJITSU - fujitsu semiconductor

MB89P173 Datasheet(HTML) 15 Page - fujitsu semiconductor

Back Button MB89P173 Datasheet HTML 11Page - fujitsu semiconductor MB89P173 Datasheet HTML 12Page - fujitsu semiconductor MB89P173 Datasheet HTML 13Page - fujitsu semiconductor MB89P173 Datasheet HTML 14Page - fujitsu semiconductor MB89P173 Datasheet HTML 15Page - fujitsu semiconductor MB89P173 Datasheet HTML 16Page - fujitsu semiconductor MB89P173 Datasheet HTML 17Page - fujitsu semiconductor MB89P173 Datasheet HTML 18Page - fujitsu semiconductor MB89P173 Datasheet HTML 19Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 50 page
background image
15
MB89170/170A/170L Series
3. Programming to the EPROM
In EPROM mode, the MB89P173 and MB89P175A functions equivalent to the MBM27C256A. This allows the
PROM to be programmed with a general-purpose EPROM programmer (the electronic signature mode cannot
be used) by using the dedicated socket adapter.
• Programming procedure (MB89P173)
(1) Set the EPROM programmer for the MBM27C256A.
(2) Load program data into the EPROM programmer at 6000H to 7FFFH (note that addresses E000H to 0FFFFH
while operating as a single chip correspond to 6000H to 7FFFH in EPROM mode).
(3) Program the data to the EPROM with the EPROM programmer.
• Programming procedure (MB89P175A)
(1) Set the EPROM programmer for the MBM27C256A.
(2) Load program data into the EPROM programmer at 4000H to 7FFFH (note that addresses C000H to 0FFFFH
while operating as a single chip assign to 4000H to 7FFFH in EPROM mode).
Load option data into addresses 3FF0H to 3FF6H of the EPROM programmer. (For information about each
corresponding option, see “7. Setting OTPROM Options (MB89P175A Only).”)
(3) Program the data to the EPROM with the EPROM programmer.
4. Recommended Screening Conditions
High-temperature aging is recommended as the pre-assembly screening procedure for a product with a blanked
OTPROM microcomputer program.
5. Programming Yield
Due to its nature, bit programming test can’t be conducted as Fujitsu delivery test. For this reason, a programming
yield of 100% cannot be assured at all times.
6. EPROM Programmer Socket Adapter
Inquiry: Sun Hayato Co., Ltd.: TEL (81)-3-3986-0403
FAX (81)-3-5396-9106
Part number
Package
Compatible socket adapter
Sun Hayato Co., Ltd.
MB89P175A
QFP-48P
ROM-48QF-28DP-8L
Program, verify
Aging
+ 150
°C, 48 Hrs.
Data verification
Assembly



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com