Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

ICS9248-127 Datasheet(PDF) 13 Page - Integrated Circuit Systems

No. de pieza ICS9248-127
Descripción Electrónicos  Frequency Generator & Integrated Buffers for PENTIUM/ProTM
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ICST [Integrated Circuit Systems]
Página de inicio  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS9248-127 Datasheet(HTML) 13 Page - Integrated Circuit Systems

Back Button ICS9248-127 Datasheet HTML 6Page - Integrated Circuit Systems ICS9248-127 Datasheet HTML 7Page - Integrated Circuit Systems ICS9248-127 Datasheet HTML 8Page - Integrated Circuit Systems ICS9248-127 Datasheet HTML 9Page - Integrated Circuit Systems ICS9248-127 Datasheet HTML 10Page - Integrated Circuit Systems ICS9248-127 Datasheet HTML 11Page - Integrated Circuit Systems ICS9248-127 Datasheet HTML 12Page - Integrated Circuit Systems ICS9248-127 Datasheet HTML 13Page - Integrated Circuit Systems ICS9248-127 Datasheet HTML 14Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
13
ICS9248- 127
PCI_STOP# Timing Diagram
PCI_STOP# is an asynchronous input to the ICS9248-127. It is used to turn off the PCICLK [4:0] clocks for low power
operation. PCI_STOP# is synchronized by the ICS9248-127 internally. The minimum that the PCICLK [4:0] clocks are
enabled (PCI_STOP# high pulse) is at least 10 PCICLK [4:0] clocks. PCICLK [4:0] clocks are stopped in a low state and started
with a full high pulse width guaranteed. PCICLK [4:0] clock on latency cycles are only one rising PCICLK clock off latency
is one PCICLK clock.
Notes:
1. All timing is referenced to the Internal CPUCLK (defined as inside the ICS9248 device.)
2. PCI_STOP# is an asynchronous input, and metastable conditions may exist. This signal is required to be synchronized
inside the ICS9248.
3. All other clocks continue to run undisturbed.
4. CPU_STOP# is shown in a high (true) state.
CPUCLK
(Internal)
PCICLK_F
(Internal)
PCICLK_F
(Free-running)
CPU_STOP#
PCICLK
PCI_STOP#



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com