Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

ICS9248-127 Datasheet(PDF) 3 Page - Integrated Circuit Systems

No. de pieza ICS9248-127
Descripción Electrónicos  Frequency Generator & Integrated Buffers for PENTIUM/ProTM
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ICST [Integrated Circuit Systems]
Página de inicio  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS9248-127 Datasheet(HTML) 3 Page - Integrated Circuit Systems

  ICS9248-127 Datasheet HTML 1Page - Integrated Circuit Systems ICS9248-127 Datasheet HTML 2Page - Integrated Circuit Systems ICS9248-127 Datasheet HTML 3Page - Integrated Circuit Systems ICS9248-127 Datasheet HTML 4Page - Integrated Circuit Systems ICS9248-127 Datasheet HTML 5Page - Integrated Circuit Systems ICS9248-127 Datasheet HTML 6Page - Integrated Circuit Systems ICS9248-127 Datasheet HTML 7Page - Integrated Circuit Systems ICS9248-127 Datasheet HTML 8Page - Integrated Circuit Systems ICS9248-127 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
3
ICS9248- 127
Functionality
VDD1,2,3 = 3.3V±5%, TA=0 to 70°C
Crystal (X1, X2) = 14.31818MHz
Mode Pin - Power Management Input Control
3
S
F2
S
F1
S
F0
S
F
U
P
C
)
z
H
M
(
I
C
P
)
z
H
M
(
0000
0
0
.
4
2
13
3
.
1
4
000
1
0
0
.
0
2
10
0
.
0
4
00
1
0
9
9
.
4
1
13
3
.
8
3
00
11
9
9
.
9
0
16
6
.
6
3
01
0
0
0
0
.
5
0
10
0
.
5
3
01
01
1
3
.
3
85
6
.
1
4
01
1
0
0
0
.
0
80
0
.
0
4
0
111
0
0
.
5
70
5
.
7
3
1
000
0
0
.
0
0
13
3
.
3
3
10
0
1
9
1
.
5
93
7
.
1
3
10
10
1
3
.
3
87
7
.
7
2
10
1
1
0
0
.
7
93
3
.
2
3
11
00
0
0
.
0
90
0
.
0
3
11
0
1
0
0
.
0
70
0
.
5
3
111
0
2
8
.
6
61
4
.
3
3
1111
0
0
.
0
60
0
.
0
3
E
D
O
M
)
t
u
p
n
I
d
e
h
c
t
a
L
(
2
n
i
P
0
#
P
O
T
S
_
I
C
P
)
t
u
p
n
I
(
1
0
F
E
R
)
t
u
p
t
u
O
(



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com