Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

ICS9248-127 Datasheet(PDF) 1 Page - Integrated Circuit Systems

No. de pieza ICS9248-127
Descripción Electrónicos  Frequency Generator & Integrated Buffers for PENTIUM/ProTM
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ICST [Integrated Circuit Systems]
Página de inicio  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS9248-127 Datasheet(HTML) 1 Page - Integrated Circuit Systems

  ICS9248-127 Datasheet HTML 1Page - Integrated Circuit Systems ICS9248-127 Datasheet HTML 2Page - Integrated Circuit Systems ICS9248-127 Datasheet HTML 3Page - Integrated Circuit Systems ICS9248-127 Datasheet HTML 4Page - Integrated Circuit Systems ICS9248-127 Datasheet HTML 5Page - Integrated Circuit Systems ICS9248-127 Datasheet HTML 6Page - Integrated Circuit Systems ICS9248-127 Datasheet HTML 7Page - Integrated Circuit Systems ICS9248-127 Datasheet HTML 8Page - Integrated Circuit Systems ICS9248-127 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
Integrated
Circuit
Systems, Inc.
General Description
Features
ICS9248- 127
Block Diagram
Pentium is a trademark of Intel Corporation
I
2C is a trademark of Philips Corporation
Frequency Generator & Integrated Buffers for PENTIUM/ProTM
9248-127 Rev C 8/18/00
Pin Configuration
Up to 124MHz frequency support.
Spread Spectrum for EMI control 0 to -0.5% down
spread and ±0.25% center spread
Serial I
2C interface for Power Management,
Frequency Select, Spread Spectrum.
Provides the following system clocks
- 4-CPUs @ 3.3V, up to 124MHz.
- 13-SDRAMs @3.3V, up to 124MHz
(including SDRAM_F)
- 6-PCI (including 1 free running, PCICLK_F)
@3.3V, CPU/2 or CPU/3.
- 1-24MHz @3.3V fixed.
- 1-48MHz @3.3V fixed.
- 2-REF @3.3V, 14.318MHz.
Efficient Power management scheme through PCI
and STOP CLOCKS.
48-Pin SSOP
Power Groups
VDDCPU, GNDCPU = CPUCLKS, CPUCLK_F
VDDSDR, GNDSDR = SDRAMCLKS, SDRAM_F
VDDPCI, GNDPCI = PCICLKS, PCICLK_F
VDD48 = 48MHz, 24MHz
VDDREF, GNDREF = REF, X1, X2
* Internal Pull-up Resistor of 240K to VDD
The ICS9248-127 is the single chip clock solution for Desktop
designs using the VIA MVP4 and Aladdin 7 style chipset. It
provides all necessary clock signals for such a system.
Spread spectrum may be enabled through I
2C programming.
Spread spectrum typically reduces system EMI by 8dB to
10dB. This simplifies EMI qualification without resorting to
board design iterations or costly shielding. The ICS9248-
127 employs a proprietary closed loop design, which tightly
controls the percentage of spreading over process and
temperature variations.
VDDREF
*PCI_STOP#/REF0
GND
X1
X2
VDDPCI
*MODE/PCICLK_F
*FS3/PCICLK0
GND
PCICLK1
PCICLK2
PCICLK3
PCICLK4
VDDPCI
BUFFER IN
GND
SDRAM11
SDRAM10
VDDSDR
SDRAM9
SDRAM8
GND
SDATA
SCLK
REF1/FS2*
VDDCPU
CPUCLK_F
CPUCLK0
GND
CPUCLK1
CPUCLK2
CLK_STOP#
GND
SDRAM_F
SDRAM0
SDRAM1
VDDSDR
SDRAM2
SDRAM3
GND
SDRAM4
SDRAM5
VDDSDR
SDRAM6
SDRAM7
VDD48
48MHz/FS0*
24MHz/FS1*
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
CLK_STOP#
PCI_STOP#
PLL2
PLL1
Spread
Spectrum
48MHz
24MHz
CPUCLK_F
CPUCLK (2:0)
SDRAM (11:0)
PCICLK (4:0)
PCICLK_F
SDRAM_F
X1
X2
BUFFER IN
XTAL
OSC
PCI
CLOCK
DIVDER
STOP
STOP
STOP
SDATA
SCLK
FS(3:0)
MODE
Control
Logic
Config.
Reg.
/ 2
REF (1:0)
LATCH
POR
2
3
12
5
4
4
ICS reserves the right to make changes in the device data identified in
this publication without further notice. ICS advises its customers to
obtain the latest version of all device data to verify that any
information being relied upon by the customer is current and accurate.


Número de pieza similar - ICS9248-127

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Integrated Circuit Syst...
ICS9248-126 ICST-ICS9248-126 Datasheet
472Kb / 12P
Frequency Generator & Integrated Buffers for Celeron & PII/III??& K6
Rev C 9/6/00
ICS9248-128 ICST-ICS9248-128 Datasheet
185Kb / 16P
Frequency Generator & Integrated Buffers
Rev B 11/16/00
logo
Renesas Technology Corp
ICS9248-128 RENESAS-ICS9248-128 Datasheet
512Kb / 17P
Frequency Generator & Integrated Buffers
2019
More results

Descripción similar - ICS9248-127

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Integrated Circuit Syst...
ICS9148-58 ICST-ICS9148-58 Datasheet
449Kb / 14P
Frequency Generator & Integrated Buffers for PENTIUM/ProTM
Rev C 12/07/98
ICS9148-93 ICST-ICS9148-93 Datasheet
648Kb / 14P
Frequency Generator & Integrated Buffers for PENTIUM/ProTM
ICS9248-103 ICST-ICS9248-103 Datasheet
392Kb / 16P
Frequency Generator & Integrated Buffers for PENTIUM/ProTM
Rev C 10/14/99
ICS9248-39 ICST-ICS9248-39 Datasheet
292Kb / 16P
Frequency Generator & Integrated Buffers for PENTIUM/ProTM
Rev F 12/16/99
ICS9250-13 ICST-ICS9250-13 Datasheet
563Kb / 15P
Frequency Generator & Integrated Buffers for PENTIUM/ProTM
Rev A 3/25/99
ICS9248-95 ICST-ICS9248-95 Datasheet
302Kb / 16P
Frequency Generator & Integrated Buffers for PENTIUM/ProTM
logo
Integrated Device Techn...
ICS9148-36 IDT-ICS9148-36 Datasheet
543Kb / 16P
Frequency Generator & Integrated Buffers for PENTIUM/ProTM
logo
Renesas Technology Corp
ICS9148-26 RENESAS-ICS9148-26 Datasheet
996Kb / 18P
Frequency Generator & Integrated Buffers for PENTIUM/ProTM
2019
ICS9248-39 RENESAS-ICS9248-39 Datasheet
432Kb / 17P
Frequency Generator & Integrated Buffers for PENTIUM/ProTM
2019
ICS9248-95 RENESAS-ICS9248-95 Datasheet
696Kb / 17P
Frequency Generator & Integrated Buffers for PENTIUM/ProTM
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com