Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

SD6830 Datasheet(PDF) 24 Page - AUK corp

No. de pieza SD6830
Descripción Electrónicos  4BIT MICROCONTROLLER
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AUK [AUK corp]
Página de inicio  https:www.auk.co.kr
Logo AUK - AUK corp

SD6830 Datasheet(HTML) 24 Page - AUK corp

Back Button SD6830 Datasheet HTML 20Page - AUK corp SD6830 Datasheet HTML 21Page - AUK corp SD6830 Datasheet HTML 22Page - AUK corp SD6830 Datasheet HTML 23Page - AUK corp SD6830 Datasheet HTML 24Page - AUK corp SD6830 Datasheet HTML 25Page - AUK corp SD6830 Datasheet HTML 26Page - AUK corp SD6830 Datasheet HTML 27Page - AUK corp SD6830 Datasheet HTML 28Page - AUK corp Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 34 page
background image
KSI-W002-000
24
IFEQU @HL
Binary code
:
00001111
Syntax
:
[<label>] IFEQU @HL
Operation
:
(A) = M[(HL)]
Flags
:
CY : Unaffected
SF : Set to one if equal, cleared otherwise
Words/Cycles
:
1/1
Description
:
Compares the contents of accumulator with the contents of data
memory addressed by registers H and L.
Example
:
LDA
14
; Load 14 to A, and 14 must be decimal number
SETB
H
; Sets H to one
LDL
4
; Loads 4 to L
IFEQU @HL ; Compares 14 with M[(14)]
JMP 050
; Jump to 050 if not equal
JMP 060
; Jump to 060 if equal
IFEQU n
Binary code
:
00001110
0111xxxx
Syntax
:
[<label>] IFEQU n
Operation
:
(A) = n, n = 0 ~15 ( n must be decimal number )
Flags
:
CY: Unaffected
SF: Set to one if equal, cleared otherwise
Words/Cycles
:
2/2
Description
: Compares the contents of accumulator with an immediate data.
Example
:
IFEQU 15
; Compare the contents of accumulator with 15
JMP
070
; Jump to 070 if not equal
JMP
080
; Jump to 080 if equal
INC L
Binary code
:
00100010
Syntax
:
[<label>] INC L
Operation
:
(L) ← (L) + 1
Flags
:
CY : Unaffect
SF:As a result of execution, set to one if the contents
of register L are zero, cleared otherwise.
Words/Cycles
:
1/1
Description
:
The contents of register L are incremented by one.
Example
:
LDL
14
; Load 14 to L
INC
L
; The contents of L are incremented by one
INC
L
; The contents of L are incremented by one
JMP
090 ; It is skipped because the contents of L is
JMP
0A0
; Jump to 0A0
SD6830



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34