| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
SD6830 Datasheet(PDF) 26 Page - AUK corp |
|
|
|||||||||||||||||||||||||||||
SD6830 Datasheet(HTML) 26 Page - AUK corp |
|
26 / 34 page ![]() KSI-W002-000 26 LDA n Binary code : 0111xxxx Syntax : [<label>] LDA n Operation : (A) ← n, n=0~15 ( n must be decimal number. ) Flags : CY : Unaffected SF : Unaffected Words/Cycles : 1/1 Description : Loads an immediate data into the accumulator. Skip this instruction if it was used just before. Example : STA B LDA 15 ; Load 15 into A. LDA 4 ; It is skipped because this instruction was used just before LDA 7 ; It is skipped because this instruction was used just before JMP 0B0 ; Jump to 0B0 LDA B Binary code : 00010101 Syntax : [<label>] LDA B Operation : (A) ← (B) Flags : CY : Unaffected SF : Unaffected Words/Cycles : 1/1 Description : Loads the contents of register B into the accumulator. Example : LDA B ; Load the contents of B into A LDA D Binary code : 00010100 Syntax : [<label>] LDA D Operation : (A) ← (D) Flags : CY : Unaffected SF : Unaffected Words/Cycles : 1/1 Description : Loads the contents of port D into the accumulator. Example : LDA D ; Load the contents of D into A SD6830 |