| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
SD6830 Datasheet(PDF) 30 Page - AUK corp |
|
|
|||||||||||||||||||||||||||||
SD6830 Datasheet(HTML) 30 Page - AUK corp |
|
30 / 34 page ![]() KSI-W002-000 30 SETB @HL.b Binary code : 010111xx Syntax : [<label>] SETB @HL.b Operation : M[(HL)].b ← 1 Flags : CY : Unaffected SF : Unaffected Words/Cycles : 1/1 Description : Sets the specified bit of memory addressed by registers H and L to one. Example : CLRB H ; Clear H to zero LDL 5 ; Load 5 to L SETB @HL.2 ; Set the bit 2 of M[(05)] to one SETB CY Binary code : 00001001 Syntax : [<label>] SETB CY Operation : (CY) ← 1 Flags : CY : Set to one SF : Unaffected Words/Cycles : 1/1 Description : Sets the contents of carry flag to one. Example : SETB CY ; Sets the content of CY to one SETB F Binary code : 00001011 Syntax : [<label>] SETB F Operation : F.(L) ← 1 Flags : CY : Unaffected SF : Unaffected Words/Cycles : 1/1 Description : Sets the specified bit of the port F addressed by register L to one. Example : LDL 4 ; Loads 4 to L SETB F ; Sets the bit 4 of F to one SD6830 |