| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
SD6830 Datasheet(PDF) 31 Page - AUK corp |
|
|
|||||||||||||||||||||||||||||
SD6830 Datasheet(HTML) 31 Page - AUK corp |
|
31 / 34 page ![]() KSI-W002-000 31 SETB G Binary code : 00101101 Syntax : [<label>] SETB G Operation : (G) ← 1 Flags : CY : Unaffected SF : Unaffected Words/Cycles : 1/1 Description : Sets the port G to one. Example : SETB G ; Sets the port G to one SETB H Binary code : 00100101 Syntax : [<label>] SETB H Operation : (H) ← 1 Flags : CY : Unaffected SF : Unaffected Words/Cycles : 1/1 Description : Sets the contents of register H to one. Skip this instruction if it or SETB H was used just before. Example : IFEQU 1 SETB H ; Sets H to one and skip continuous CLRB H/SETB H, if (A)≠1 CLRB H ; Clear H to zero and skip continuous CLRB H/SETB H, if (A)=1 SETB K Binary code : 00101111 Syntax : [<label>] SETB K Operation : (K) ← 1 Flags : CY : Unaffected SF : Unaffected Words/Cycles : 1/1 Description : Sets the port K to one. Example : SETB K ; Sets the port K to one SD6830 |