Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

ES233 Datasheet(PDF) 29 Page - Cyrustek corporation

No. de pieza ES233
Descripción Electrónicos  4000 Counts DMM
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CYRUSTEK [Cyrustek corporation]
Página de inicio  http://www.cyrustek.com.tw
Logo CYRUSTEK - Cyrustek corporation

ES233 Datasheet(HTML) 29 Page - Cyrustek corporation

Back Button ES233 Datasheet HTML 25Page - Cyrustek corporation ES233 Datasheet HTML 26Page - Cyrustek corporation ES233 Datasheet HTML 27Page - Cyrustek corporation ES233 Datasheet HTML 28Page - Cyrustek corporation ES233 Datasheet HTML 29Page - Cyrustek corporation ES233 Datasheet HTML 30Page - Cyrustek corporation ES233 Datasheet HTML 31Page - Cyrustek corporation ES233 Datasheet HTML 32Page - Cyrustek corporation ES233 Datasheet HTML 33Page - Cyrustek corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 37 page
background image
V 2.2
29
2015/12/15
ES233
4000 Counts DMM
4.1.
RANGE
This packet indicates range state of the meter. The M_DP1 – M_DP3 corresponding DP1 – DP3 of
LCD segment (see section 5). In DCV 4.000V range, this a03 packet will set xxxx001x. If change to
40.00V the packet will be xxxx010x.
D0
D1
D2
D3
D4
D5
D6
D7
a03
X
X
X
X
M_DP1
M_DP2
M_DP3
X
4.2.
Main_Digit1 –Main_Digit3
Main_Digit1 – Main_Digit3 is the readings of measurement result shown on LCD panel. DigitN3
DigitN0 consist of 4-bit BCD code. The M_SIGN is the sign bit of readings.
D0
D1
D2
D3
D4
D5
D6
D7
a04
M_SIGN
X
X
X
X
X
X
X
a05
Digit33
Digit32
Digit31
Digit30
Digit23
Digit22
Digit21
Digit20
a06
Digit13
Digit12
Digit11
Digit10
Digit03
Digit02
Digit01
Digit00
4.3.
FUNCTION
The packets of a07-a09 indicate the measurement mode of the meter. The following table
summarizes the transmitted bit for each mode. Note that the encoding of this packet is different from
the encoding of FC1-FC5 switch.
For example, if the meter operates in Voltage mode, this a07 packet is 10000000. If VAHZ key is
pushed to VAHZ mode, the a08 will be 10000000 also.
D0
D1
D2
D3
D4
D5
D6
D7
a07
V
A
Ohm
Continuity
Diode
Capacitance
Hz
Duty
a08
VAHZ
X
EFmode
SCAN
Clamp
LED
a09
ADP0
ADP1
ADP2
ADP3
X
X
X
X
4.4.
STATUS
The a10-a13 packets indicate the whole status when ES233 is in normal operation. For example, if
meter is operated at ACV / MANU range, then a10 packet will set 011000xx.
The format of the four packets are shown below.
D0
D1
D2
D3
D4
D5
D6
D7
a10
AUTO
MANU
AC
DC
OL
UL
X
X
a11
SLB3
SLB2
SLB1
LBAT30s
BW_full
X
BW1K
HOLD
a12
REL
ZERO
MAX
MIN
CURRENT
X
X
X
a13
Danger
OPEN
SHORT
DISCH
X
X
X
X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com