Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

ES233 Datasheet(PDF) 9 Page - Cyrustek corporation

No. de pieza ES233
Descripción Electrónicos  4000 Counts DMM
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CYRUSTEK [Cyrustek corporation]
Página de inicio  http://www.cyrustek.com.tw
Logo CYRUSTEK - Cyrustek corporation

ES233 Datasheet(HTML) 9 Page - Cyrustek corporation

Back Button ES233 Datasheet HTML 5Page - Cyrustek corporation ES233 Datasheet HTML 6Page - Cyrustek corporation ES233 Datasheet HTML 7Page - Cyrustek corporation ES233 Datasheet HTML 8Page - Cyrustek corporation ES233 Datasheet HTML 9Page - Cyrustek corporation ES233 Datasheet HTML 10Page - Cyrustek corporation ES233 Datasheet HTML 11Page - Cyrustek corporation ES233 Datasheet HTML 12Page - Cyrustek corporation ES233 Datasheet HTML 13Page - Cyrustek corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 37 page
background image
V 2.2
9
2015/12/15
ES233
4000 Counts DMM
1.2.1. OL Selection
ES233 has a voltage OL selection feature archived by configuring the pin CESEL. In automatic
voltage mode, ES233 will show OL when the voltage is exceed the overflow level. If CESEL is
connected to V+, ES233 will have a 1010V overflow level in voltage mode. If CESEL connected to
DGND, the overflow level will be set to 610V in DCV and ACV mode. The configuration of CESEL
is listed below.
For ACV/DCV voltage modes:
CESEL
V+
DGND
OL level
1010V
610V
Note: V-/Floating level is not available.
1.3.
Low Pass Filter (LPF) Mode For ACA/ACV Mode
ES233 provides a 3
rd order low-pass filter to reduce the influence of high frequency noise. This
LPF feature is available in ACV or ACA modes. Set FC5 to low in these modes, the KEY button is
used to activate the LPF feature. Press KEY button for less than 1 second to select the 3dB bandwidth
of LPF sequentially ( Full / 1kHz ) and the relative LCD symbol on LCD panel will be active also.
The DIS (pin94) could enable/disable the Low Pass Filter feature available.
DIS
V+
DGND
Floating
V-
LPF
Disable
Enable
Disable
Enable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com