Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

ES233 Datasheet(PDF) 20 Page - Cyrustek corporation

No. de pieza ES233
Descripción Electrónicos  4000 Counts DMM
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CYRUSTEK [Cyrustek corporation]
Página de inicio  http://www.cyrustek.com.tw
Logo CYRUSTEK - Cyrustek corporation

ES233 Datasheet(HTML) 20 Page - Cyrustek corporation

Back Button ES233 Datasheet HTML 16Page - Cyrustek corporation ES233 Datasheet HTML 17Page - Cyrustek corporation ES233 Datasheet HTML 18Page - Cyrustek corporation ES233 Datasheet HTML 19Page - Cyrustek corporation ES233 Datasheet HTML 20Page - Cyrustek corporation ES233 Datasheet HTML 21Page - Cyrustek corporation ES233 Datasheet HTML 22Page - Cyrustek corporation ES233 Datasheet HTML 23Page - Cyrustek corporation ES233 Datasheet HTML 24Page - Cyrustek corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 37 page
background image
V 2.2
20
2015/12/15
ES233
4000 Counts DMM
Measurement Mode Switching (Continued)
Measurement mode depends on the logic level of SLACDC, FC1, FC2, FC3, FC4, FC5 and KEY
selection. When FC5 is low, the KEY function is disabled in most modes. The measurement mode list
is shown below:
SLACDC
FC1
FC2
FC3
FC4
Mode
KEY selection & Remaks
0
1
0
1
1
DC Voltage Measurement
----
0
1
1
0
1
23
Auto DC Current Measurement(µA)
----
0
1
1
1
1
23
Auto DC Current Measurement(mA)
----
0
0
0
0
0
23
Auto DC Current Measurement(A)
----
0
1
1
1
0
Scan RSDC
Ω  Continuity  Diode  Cap  Scan
0
1
1
0
0
3Manual DC 4.000A
----
0
1
0
0
0
3Manual DC 40.00A
----
0
1
0
1
0
3Manual DC 400.0A
----
0
1
0
0
1
3Manual DC 4000A
----
0
0
0
1
1
Resistance Measurement
----
0
0
0
0
1
Continuity Check
----
0
0
1
1
1
Diode Measurement
----
0
0
0
1
0
Frequency Measurement
----
0
0
1
1
0
Capacitance Measurement
----
0
0
1
0
0
Auto Temperature Measurement
0
0
1
0
1
DCmV
----
1
1
0
1
1
AC Voltage Measurement
LPF Full1K
1
1
1
0
1
23
Auto AC Current Measurement(µA)
LPF Full1K
1
1
1
1
1
23
Auto AC Current Measurement(mA)
LPF Full1K
1
0
0
0
0
23
Auto AC Current Measurement(A)
LPF Full1K
1
1
1
1
0
EF mode
----
1
1
1
0
0
3Manual AC 4.000A
LPF Full1K
1
1
0
0
0
3Manual AC 40.00A
LPF Full1K
1
1
0
1
0
3Manual AC 400.0A
LPF Full1K
1
1
0
0
1
3Manual AC 4000A
LPF Full1K
1
0
0
1
1
1
ADP0 ( 4000 )
----
1
0
0
0
1
1
ADP1 ( 400.0 )
----
1
0
1
1
1
1
ADP2 ( 40.00 )
----
1
0
0
1
0
1
ADP3 ( 4.000 )
Set to LED mode if SEL2 is kept float
1
0
1
1
0
Capacitance Measurement (Clamp)
----
1
0
1
0
0
Auto Temperature Measurement
1
0
1
0
1
ACmV
LPF Full1K
Note:
1. When FC5 is low, the ADP0, ADP1, ADP2 and ADP3 modes can’t display minus sign.
2. These modes could be designed for multi-meter current modes, please refer to section 1.4.
3. These modes could be designed for clamp-meter current modes, please refer to section 1.5.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com