Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

ES233 Datasheet(PDF) 5 Page - Cyrustek corporation

No. de pieza ES233
Descripción Electrónicos  4000 Counts DMM
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CYRUSTEK [Cyrustek corporation]
Página de inicio  http://www.cyrustek.com.tw
Logo CYRUSTEK - Cyrustek corporation

ES233 Datasheet(HTML) 5 Page - Cyrustek corporation

  ES233 Datasheet HTML 1Page - Cyrustek corporation ES233 Datasheet HTML 2Page - Cyrustek corporation ES233 Datasheet HTML 3Page - Cyrustek corporation ES233 Datasheet HTML 4Page - Cyrustek corporation ES233 Datasheet HTML 5Page - Cyrustek corporation ES233 Datasheet HTML 6Page - Cyrustek corporation ES233 Datasheet HTML 7Page - Cyrustek corporation ES233 Datasheet HTML 8Page - Cyrustek corporation ES233 Datasheet HTML 9Page - Cyrustek corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 37 page
background image
V 2.2
5
2015/12/15
ES233
4000 Counts DMM
Pin Description ( Continued )
Pin No
Symbol
Type
Description
99
RS232
I
Assert low (V-) to make serial data output function not available.
100
OSC2
O
Crystal oscillator output connection.
101
OSC1
I
Crystal oscillator input connection.
102
RSOUT
O
Serial data output.
103
NC
-
Not connected.
104
HZ
I
Pulse to V- to enable VAHZ mode or duty cycle measurement in Freq. mode.
105
MMX
I
Pulse to V- to enable MAX/MIN function.
106
REL
I
Pulse to V- to enable/disable Relative function or Zero function. Pulse to V-
larger than one second to enable/disable RS232 output. When RS232 output is
enabled, the APO will be disabled automatically.
107
BKLIT
I
Back light function. Pulse low to set BKOUT pin output.
108
KEY
I
Pulse to V- to change mode.
109
HOLD
I
Pulse to V- to enable HOLD function. Pulse to V- larger than one second to
enable Delayed Hold function.
110
RANGE
I
Pulse to V- to enable manual mode and manual range selection.
111
FC5
I
Switch 5 for function selection.
112
FC4
I
Switch 4 for function selection.
113
FC3
I
Switch 3 for function selection.
114
FC2
I
Switch 2 for function selection.
115
FC1
I
Switch 1 for function selection.
116
SLACDC
I
Select initial DC/AC state.
117
CN
O
Negative capacitor connection for on-chip DC-DC converter.
118
CP
O
Positive capacitor connection for on-chip DC-DC converter.
119
LBAT9
I
Multi-level low battery configuration input. Simple external resistor divider is
required.
120
V-
P
Negative supply voltage.
121
V-
P
Negative supply voltage.
122
V+
O
Output of on-chip DC-DC converter.
123
V+
O
Output of on-chip DC-DC converter.
124
DGND
P / G
Digital ground.
125
AGND
P / G
Analog ground.
126
AGND
P / G
Analog ground.
127
NC
-
Not connected.
128
NC
-
Not connected.
Note: Pin91-Pin96 are 4-level logic definition: (V+/DGND/Floating/V-), see section Operation mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com