Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

ADC128S102 Datasheet(PDF) 4 Page - Texas Instruments

No. de pieza ADC128S102
Descripción Electrónicos  12-Bit A/D Converter
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

ADC128S102 Datasheet(HTML) 4 Page - Texas Instruments

  ADC128S102_15 Datasheet HTML 1Page - Texas Instruments ADC128S102_15 Datasheet HTML 2Page - Texas Instruments ADC128S102_15 Datasheet HTML 3Page - Texas Instruments ADC128S102_15 Datasheet HTML 4Page - Texas Instruments ADC128S102_15 Datasheet HTML 5Page - Texas Instruments ADC128S102_15 Datasheet HTML 6Page - Texas Instruments ADC128S102_15 Datasheet HTML 7Page - Texas Instruments ADC128S102_15 Datasheet HTML 8Page - Texas Instruments ADC128S102_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 29 page
background image
ADC128S102
SNAS298G – AUGUST 2005 – REVISED JANUARY 2015
www.ti.com
6 Specifications
6.1 Absolute Maximum Ratings
See
(1) (2).
MIN
MAX
UNIT
Analog Supply Voltage VA
−0.3
6.5
V
Digital Supply Voltage VD
−0.3
VA + 0.3, max 6.5
V
Voltage on Any Pin to GND
−0.3
VA +0.3
V
Input Current at Any Pin (3)
–10
10
mA
Package Input Current(3)
–20
20
mA
Power Dissipation at TA = 25°C
See (4)
Junction Temperature
150
°C
Storage temperature, Tstg
−65
150
°C
For soldering specifications: see product folder at www.ti.com and SNOA549
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
If Military/Aerospace specified devices are required, please contact the TI Sales Office/ Distributors for availability and specifications.
(3)
When the input voltage at any pin exceeds the power supplies (that is, VIN < AGND or VIN > VA or VD), the current at that pin should be
limited to 10 mA. The 20 mA maximum package input current rating limits the number of pins that can safely exceed the power supplies
with an input current of 10 mA to two.
(4)
The absolute maximum junction temperature (TJmax) for this device is 150°C. The maximum allowable power dissipation is dictated by
TJmax, the junction-to-ambient thermal resistance (θJA), and the ambient temperature (TA), and can be calculated using the formula
PDMAX = (TJmax − TA)/θJA. In the 16-pin TSSOP, θJA is 96°C/W, so PDMAX = 1,200 mW at 25°C and 625 mW at the maximum
operating ambient temperature of 105°C. Note that the power consumption of this device under normal operation is a maximum of 12
mW. The values for maximum power dissipation listed above will be reached only when the ADC128S102 is operated in a severe fault
condition (e.g. when input or output pins are driven beyond the power supply voltages, or the power supply polarity is reversed).
Obviously, such conditions should always be avoided.
6.2 ESD Ratings
VALUE
UNIT
Human body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±2500
V(ESD)
Electrostatic discharge
V
Machine model (MM)
±250
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
6.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
Operating Temperature, TA
–40
105
°C
VA Supply Voltage
2.7
5.25
V
VD Supply Voltage
2.7
VA
V
Digital Input Voltage
0
VA
V
Analog Input Voltage
0
VA
V
Clock Frequency
8
16
MHz
(1)
All voltages are measured with respect to GND = 0V, unless otherwise specified.
4
Submit Documentation Feedback
Copyright © 2005–2015, Texas Instruments Incorporated
Product Folder Links: ADC128S102



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com