Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

ADC128S102 Datasheet(PDF) 7 Page - Texas Instruments

No. de pieza ADC128S102
Descripción Electrónicos  12-Bit A/D Converter
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

ADC128S102 Datasheet(HTML) 7 Page - Texas Instruments

Back Button ADC128S102_15 Datasheet HTML 3Page - Texas Instruments ADC128S102_15 Datasheet HTML 4Page - Texas Instruments ADC128S102_15 Datasheet HTML 5Page - Texas Instruments ADC128S102_15 Datasheet HTML 6Page - Texas Instruments ADC128S102_15 Datasheet HTML 7Page - Texas Instruments ADC128S102_15 Datasheet HTML 8Page - Texas Instruments ADC128S102_15 Datasheet HTML 9Page - Texas Instruments ADC128S102_15 Datasheet HTML 10Page - Texas Instruments ADC128S102_15 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 29 page
background image
ADC128S102
www.ti.com
SNAS298G – AUGUST 2005 – REVISED JANUARY 2015
Electrical Characteristics (continued)
The following specifications apply for TA = 25°C, AGND = DGND = 0 V, fSCLK = 8 MHz to 16 MHz, fSAMPLE = 500 ksps to 1
MSPS, CL = 50pF, unless otherwise noted. MIN and MAX limits apply for TA = TMIN to TMAX.
(1)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX(2)
UNIT
VA = VD = +2.7V to +3.6V,
0.76
1.5
mA
fSAMPLE = 1 MSPS, fIN = 40 kHz
Total Supply Current
Normal Mode ( CS low)
VA = VD = +4.75V to +5.25V,
2.13
3.1
mA
fSAMPLE = 1 MSPS, fIN = 40 kHz
IA + ID
VA = VD = +2.7V to +3.6V,
20
nA
fSCLK = 0 ksps
Total Supply Current
Shutdown Mode (CS high)
VA = VD = +4.75V to +5.25V,
50
nA
fSCLK = 0 ksps
VA = VD = +3.0V
2.3
4.5
mW
fSAMPLE = 1 MSPS, fIN = 40 kHz
Power Consumption
Normal Mode ( CS low)
VA = VD = +5.0V
10.7
15.5
mW
fSAMPLE = 1 MSPS, fIN = 40 kHz
PC
VA = VD = +3.0V
0.06
µW
fSCLK = 0 ksps
Power Consumption
Shutdown Mode (CS high)
VA = VD = +5.0V
0.25
µW
fSCLK = 0 ksps
AC ELECTRICAL CHARACTERISTICS
fSCLKMIN Minimum Clock Frequency
VA = VD = +2.7V to +5.25V
8
0.8
MHz
fSCLK
Maximum Clock Frequency
VA = VD = +2.7V to +5.25V
16
MHz
500
50
ksps
Sample Rate
fS
VA = VD = +2.7V to +5.25V
Continuous Mode
1
MSPS
tCONVERT Conversion (Hold) Time
VA = VD = +2.7V to +5.25V
13
SCLK cycles
40%
30
DC
SCLK Duty Cycle
VA = VD = +2.7V to +5.25V
70
60%
tACQ
Acquisition (Track) Time
VA = VD = +2.7V to +5.25V
3
SCLK cycles
Acquisition Time + Conversion Time
Throughput Time
16
SCLK cycles
VA = VD = +2.7V to +5.25V
tAD
Aperture Delay
VA = VD = +2.7V to +5.25V
4
ns
6.6 Timing Specifications
The following specifications apply for TA = 25°C, VA = VD = +2.7V to +5.25V, AGND = DGND = 0V, fSCLK = 8 MHz to 16 MHz,
fSAMPLE = 500 ksps to 1 MSPS, and CL = 50pF. MIN and MAX apply for TA = TMIN to TMAX.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX(1)
UNIT
tCSH
CS Hold Time after SCLK Rising Edge
10
0
ns
tCSS
CS Setup Time prior to SCLK Rising Edge
10
4.5
ns
tEN
CS Falling Edge to DOUT enabled
5
30
ns
tDACC
DOUT Access Time after SCLK Falling Edge
17
27
ns
tDHLD
DOUT Hold Time after SCLK Falling Edge
4
ns
tDS
DIN Setup Time prior to SCLK Rising Edge
10
3
ns
tDH
DIN Hold Time after SCLK Rising Edge
10
3
ns
0.4 x
tCH
SCLK High Time
ns
tSCLK
0.4 x
tCL
SCLK Low Time
ns
tSCLK
DOUT falling
2.4
20
ns
tDIS
CS Rising Edge to DOUT High-Impedance
DOUT rising
0.9
20
ns
(1)
Tested limits are specified to TI's AOQL (Average Outgoing Quality Level).
Copyright © 2005–2015, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: ADC128S102



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com