Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

ADC128S102 Datasheet(PDF) 5 Page - Texas Instruments

No. de pieza ADC128S102
Descripción Electrónicos  12-Bit A/D Converter
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

ADC128S102 Datasheet(HTML) 5 Page - Texas Instruments

  ADC128S102_15 Datasheet HTML 1Page - Texas Instruments ADC128S102_15 Datasheet HTML 2Page - Texas Instruments ADC128S102_15 Datasheet HTML 3Page - Texas Instruments ADC128S102_15 Datasheet HTML 4Page - Texas Instruments ADC128S102_15 Datasheet HTML 5Page - Texas Instruments ADC128S102_15 Datasheet HTML 6Page - Texas Instruments ADC128S102_15 Datasheet HTML 7Page - Texas Instruments ADC128S102_15 Datasheet HTML 8Page - Texas Instruments ADC128S102_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 29 page
background image
ADC128S102
www.ti.com
SNAS298G – AUGUST 2005 – REVISED JANUARY 2015
6.4 Thermal Information
ADC128S102
THERMAL METRIC(1)
PW
UNIT
16 PINS
RθJA
Junction-to-ambient thermal resistance
110
RθJC(top)
Junction-to-case (top) thermal resistance
42
RθJB
Junction-to-board thermal resistance
56
°C/W
ψJT
Junction-to-top characterization parameter
5
ψJB
Junction-to-board characterization parameter
55
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
6.5 Electrical Characteristics
The following specifications apply for TA = 25°C, AGND = DGND = 0 V, fSCLK = 8 MHz to 16 MHz, fSAMPLE = 500 ksps to 1
MSPS, CL = 50pF, unless otherwise noted. MIN and MAX limits apply for TA = TMIN to TMAX.
(1)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX(2)
UNIT
STATIC CONVERTER CHARACTERISTICS
Resolution with No Missing
12
Bits
Codes
VA = VD = +3.0V
–1
±0.4
1
LSB
Integral Non-Linearity (End Point
INL
Method)
VA = VD = +5.0V
–1.2
±0.5
1.2
LSB
+0.4
0.9
LSB
VA = VD = +3.0V
−0.7
−0.2
LSB
DNL
Differential Non-Linearity
+0.7
1.5
LSB
VA = VD = +5.0V
−0.9
−0.4
LSB
VA = VD = +3.0V
–2.3
+0.8
2.3
LSB
VOFF
Offset Error
VA = VD = +5.0V
–2.3
+1.1
2.3
LSB
VA = VD = +3.0V
–1.5
±0.1
1.5
LSB
OEM
Offset Error Match
VA = VD = +5.0V
–1.5
±0.3
1.5
LSB
VA = VD = +3.0V
–2.0
+0.8
2.0
LSB
FSE
Full Scale Error
VA = VD = +5.0V
–2.0
+0.3
2.0
LSB
VA = VD = +3.0V
–1.5
±0.1
1.5
LSB
FSEM
Full Scale Error Match
VA = VD = +5.0V
–1.5
±0.3
1.5
LSB
DYNAMIC CONVERTER CHARACTERISTICS
VA = VD = +3.0V
8
MHz
FPBW
Full Power Bandwidth (
−3dB)
VA = VD = +5.0V
11
MHz
VA = VD = +3.0V,
70
73
dB
fIN = 40.2 kHz, −0.02 dBFS
Signal-to-Noise Plus Distortion
SINAD
Ratio
VA = VD = +5.0V,
70
73
dB
fIN = 40.2 kHz, −0.02 dBFS
VA = VD = +3.0V,
70.8
73
dB
fIN = 40.2 kHz, −0.02 dBFS
SNR
Signal-to-Noise Ratio
VA = VD = +5.0V,
70.8
73
dB
fIN = 40.2 kHz, −0.02 dBFS
VA = VD = +3.0V,
−88
−74
dB
fIN = 40.2 kHz, −0.02 dBFS
THD
Total Harmonic Distortion
VA = VD = +5.0V,
−90
−74
dB
fIN = 40.2 kHz, −0.02 dBFS
(1)
Data sheet min/max specification limits are ensured by design, test, or statistical analysis.
(2)
Tested limits are specified to TI's AOQL (Average Outgoing Quality Level).
Copyright © 2005–2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: ADC128S102



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com