Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

ADC128S102 Datasheet(PDF) 9 Page - Texas Instruments

No. de pieza ADC128S102
Descripción Electrónicos  12-Bit A/D Converter
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

ADC128S102 Datasheet(HTML) 9 Page - Texas Instruments

Back Button ADC128S102_15 Datasheet HTML 5Page - Texas Instruments ADC128S102_15 Datasheet HTML 6Page - Texas Instruments ADC128S102_15 Datasheet HTML 7Page - Texas Instruments ADC128S102_15 Datasheet HTML 8Page - Texas Instruments ADC128S102_15 Datasheet HTML 9Page - Texas Instruments ADC128S102_15 Datasheet HTML 10Page - Texas Instruments ADC128S102_15 Datasheet HTML 11Page - Texas Instruments ADC128S102_15 Datasheet HTML 12Page - Texas Instruments ADC128S102_15 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 29 page
background image
ADC128S102
www.ti.com
SNAS298G – AUGUST 2005 – REVISED JANUARY 2015
6.7 Typical Characteristics
TA = +25°C, fSAMPLE = 1 MSPS, fSCLK = 16 MHz, fIN = 40.2 kHz unless otherwise stated.
Figure 4. DNL
Figure 5. DNL
Figure 6. INL
Figure 7. INL
Figure 8. DNL vs. Supply
Figure 9. INL vs. Supply
Copyright © 2005–2015, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: ADC128S102



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com