Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

IRLU3303 Datasheet(PDF) 8 Page - International Rectifier

No. de pieza IRLU3303
Descripción Electrónicos  Power MOSFET
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  IRF [International Rectifier]
Página de inicio  http://www.irf.com
Logo IRF - International Rectifier

IRLU3303 Datasheet(HTML) 8 Page - International Rectifier

Back Button IRLU3303 Datasheet HTML 2Page - International Rectifier IRLU3303 Datasheet HTML 3Page - International Rectifier IRLU3303 Datasheet HTML 4Page - International Rectifier IRLU3303 Datasheet HTML 5Page - International Rectifier IRLU3303 Datasheet HTML 6Page - International Rectifier IRLU3303 Datasheet HTML 7Page - International Rectifier IRLU3303 Datasheet HTML 8Page - International Rectifier IRLU3303 Datasheet HTML 9Page - International Rectifier IRLU3303 Datasheet HTML 10Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
IRLR/U3303
8
www.irf.com
Package Outline
TO-252AA Outline
Dimensions are shown in millimeters (inches)
TO-252AA (D-PARK)
Part Marking Information
6.73 (.265 )
6.35 (.250 )
- A -
4
1
2
3
6.2 2 (.2 45)
5.9 7 (.2 35)
- B -
3X
0.89 (.035 )
0.64 (.025 )
0.25 (.01 0)
M
A M B
4 .57 (.18 0)
2.28 (.09 0)
2X
1.1 4 (.0 45)
0.7 6 (.0 30)
1.52 ( .0 6 0 )
1.15 ( .0 4 5 )
1.02 (.04 0)
1.64 (.02 5)
5 .46 (.215 )
5 .21 (.205 )
1.27 (.050 )
0.88 (.035 )
2.38 (.09 4)
2.19 (.08 6)
1.14 (.045)
0.89 (.035)
0.58 (.02 3)
0.46 (.01 8)
6.4 5 (.2 45)
5.6 8 (.2 24)
0 .51 (.02 0)
M IN .
0.58 ( .02 3 )
0.46 ( .01 8 )
L E A D AS SIG N M E N T S
1 - G A T E
2 - D R A IN
3 - S O U R C E
4 - D R A IN
10 .42 (.4 1 0 )
9.40 (.37 0)
N O T ES:
1 D IM E N S IO N IN G & T O LE R A N C IN G P E R A N S I Y 14.5 M , 1 982 .
2 C O NT RO L L IN G DIM E N S IO N : INCH.
3 C O N F O R M S T O J E D E C O U T L IN E T O - 2 5 2 A A .
4 D IM E NS IO N S S H O W N A R E B E F O RE S O L D E R DIP ,
S O LD E R D IP M A X. + 0 .16 (.0 06).
IN TE RNA TIO N A L
RE CTIFIE R
LO G O
ASSEM BLY
L O T
C OD E
EXAM PLE : TH IS IS AN IR FR 120
W ITH ASSEM BLY
LO T C OD E 9U 1P
FIR S T P O R TIO N
OF PAR T N U MBER
SEC O ND PO R TIO N
O F PAR T NU M BER
120
IR FR
9U
1P
A



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com