Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

IRLU3303 Datasheet(PDF) 9 Page - International Rectifier

No. de pieza IRLU3303
Descripción Electrónicos  Power MOSFET
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  IRF [International Rectifier]
Página de inicio  http://www.irf.com
Logo IRF - International Rectifier

IRLU3303 Datasheet(HTML) 9 Page - International Rectifier

Back Button IRLU3303 Datasheet HTML 2Page - International Rectifier IRLU3303 Datasheet HTML 3Page - International Rectifier IRLU3303 Datasheet HTML 4Page - International Rectifier IRLU3303 Datasheet HTML 5Page - International Rectifier IRLU3303 Datasheet HTML 6Page - International Rectifier IRLU3303 Datasheet HTML 7Page - International Rectifier IRLU3303 Datasheet HTML 8Page - International Rectifier IRLU3303 Datasheet HTML 9Page - International Rectifier IRLU3303 Datasheet HTML 10Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
IRLR/U3303
www.irf.com
9
Package Outline
TO-251AA Outline
Dimensions are shown in millimeters (inches)
TO-251AA (I-PARK)
Part Marking Information
6 .73 (.26 5)
6 .35 (.25 0)
- A -
6 .22 (.2 45)
5 .97 (.2 35)
- B -
3X
0.89 (.0 35)
0.64 (.0 25)
0 .2 5 (.0 1 0 )
M
A M B
2.28 (.09 0)
1.14 (.045 )
0.76 (.030 )
5.46 (.2 1 5 )
5.21 (.2 0 5 )
1.27 (.050)
0.88 (.035)
2.38 (.094)
2.19 (.086)
1 .14 (.04 5)
0 .89 (.03 5)
0.58 (.023)
0.46 (.018)
L EAD A SSIG N M E N T S
1 - G A T E
2 - D R A IN
3 - S O URCE
4 - D R A IN
NO T E S :
1 DIM E NS IO NING & T O L E RA NCING P E R A N S I Y 1 4 .5M , 19 8 2 .
2 CO N T RO L L IN G DIM E NS IO N : INCH.
3 C O N F O R M S T O J E D E C O U T L IN E T O -2 5 2 A A .
4 D IM E N S IO N S S H O W N A R E B E F O R E S O L D E R D IP ,
S O LD E R D IP M A X. + 0.16 (.006).
9.65 (.380)
8.89 (.350)
2X
3X
2.2 8 (.0 9 0)
1.9 1 (.0 7 5)
1.52 (.060)
1.15 (.045)
4
1
2
3
6.4 5 (.245)
5.6 8 (.224)
0.58 (.023)
0.46 (.018)
IN TE RN A TION A L
R E C TIFIE R
LO GO
AS SEMBL Y
LO T
C O D E
FIR S T P O RTION
O F PAR T N U M BE R
SEC O N D PO R TIO N
O F PAR T N U MB E R
12 0
9 U
1P
E XA M P LE : TH IS IS A N IR FU 12 0
W ITH ASSEM BLY
LO T C O D E 9U 1 P
IR FU



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com