Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

IRLU3303 Datasheet(PDF) 10 Page - International Rectifier

No. de pieza IRLU3303
Descripción Electrónicos  Power MOSFET
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  IRF [International Rectifier]
Página de inicio  http://www.irf.com
Logo IRF - International Rectifier

IRLU3303 Datasheet(HTML) 10 Page - International Rectifier

Back Button IRLU3303 Datasheet HTML 2Page - International Rectifier IRLU3303 Datasheet HTML 3Page - International Rectifier IRLU3303 Datasheet HTML 4Page - International Rectifier IRLU3303 Datasheet HTML 5Page - International Rectifier IRLU3303 Datasheet HTML 6Page - International Rectifier IRLU3303 Datasheet HTML 7Page - International Rectifier IRLU3303 Datasheet HTML 8Page - International Rectifier IRLU3303 Datasheet HTML 9Page - International Rectifier IRLU3303 Datasheet HTML 10Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
IRLR/U3303
10
www.irf.com
Tape & Reel Information
TO-252AA
Dimensions are shown in millimeters (inches)
TR
1 6.3 ( .641 )
1 5.7 ( .619 )
8.1 ( .318 )
7.9 ( .312 )
12 .1 ( .4 76 )
11 .9 ( .4 69 )
F E E D DIRE CT IO N
F E E D DIR E CT IO N
16 .3 ( .641 )
15 .7 ( .619 )
TR R
TR L
N O T ES :
1. CO NT RO LL IN G DIM E N S IO N : M ILLIM E T E R.
2. A LL DIM E N S IO NS A R E S H O W N IN M ILL IM E T E R S ( INCHE S ).
3. O U T L IN E C O N F O R M S T O E IA -4 81 & E IA -54 1.
NO T E S :
1. O U T LIN E C O N F O R M S T O E IA -481 .
16 m m
13 IN C H
WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, Tel: (310) 322 3331
IR GREAT BRITAIN: Hurst Green, Oxted, Surrey RH8 9BB, UK Tel: ++ 44 1883 732020
IR CANADA: 15 Lincoln Court, Brampton, Ontario L6T3Z2, Tel: (905) 453 2200
IR GERMANY: Saalburgstrasse 157, 61350 Bad Homburg Tel: ++ 49 6172 96590
IR ITALY: Via Liguria 49, 10071 Borgaro, Torino Tel: ++ 39 11 451 0111
IR FAR EAST: K&H Bldg., 2F, 30-4 Nishi-Ikebukuro 3-Chome, Toshima-Ku, Tokyo Japan 171 Tel: 81 3 3983 0086
IR SOUTHEAST ASIA: 1 Kim Seng Promenade, Great World City West Tower, 13-11, Singapore 237994 Tel: ++ 65 838 4630
IR TAIWAN:16 Fl. Suite D. 207, Sec. 2, Tun Haw South Road, Taipei, 10673, Taiwan Tel: 886-2-2377-9936
http://www.irf.com/
Data and specifications subject to change without notice. 9/98



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com