Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

IRLU3303 Datasheet(PDF) 1 Page - International Rectifier

No. de pieza IRLU3303
Descripción Electrónicos  Power MOSFET
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  IRF [International Rectifier]
Página de inicio  http://www.irf.com
Logo IRF - International Rectifier

IRLU3303 Datasheet(HTML) 1 Page - International Rectifier

  IRLU3303 Datasheet HTML 1Page - International Rectifier IRLU3303 Datasheet HTML 2Page - International Rectifier IRLU3303 Datasheet HTML 3Page - International Rectifier IRLU3303 Datasheet HTML 4Page - International Rectifier IRLU3303 Datasheet HTML 5Page - International Rectifier IRLU3303 Datasheet HTML 6Page - International Rectifier IRLU3303 Datasheet HTML 7Page - International Rectifier IRLU3303 Datasheet HTML 8Page - International Rectifier IRLU3303 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
IRLR/U3303
HEXFET® Power MOSFET
S
D
G
Parameter
Typ.
Max.
Units
RθJC
Junction-to-Case
–––
2.2
RθJA
Case-to-Ambient (PCB mount)**
–––
50
°C/W
RθJA
Junction-to-Ambient
–––
110
Thermal Resistance
VDSS = 30V
RDS(on) = 0.031Ω
ID = 35A
…
Description
9/28/98
www.irf.com
1
D -P ak
T O -252 A A
I-P ak
TO -25 1A A
l Logic-Level Gate Drive
l Ultra Low On-Resistance
l Surface Mount (IRLR3303)
l Straight Lead (IRLU3303)
l Advanced Process Technology
l Fast Switching
l Fully Avalanche Rated
Fifth Generation HEXFETs from International Rectifier utilize advanced
processing techniques to achieve the lowest possible on-resistance per
silicon area.
This benefit, combined with the fast switching speed and
ruggedized device design that HEXFET Power MOSFETs are well known for,
provides the designer with an extremely efficient device for use in a wide
variety of applications.
The D-PAK is designed for surface mounting using vapor phase, infrared, or
wave soldering techniques. The straight lead version (IRFU series) is for
through-hole mounting applications. Power dissipation levels up to 1.5 watts
are possible in typical surface mount applications.
** When mounted on 1" square PCB (FR-4 or G-10 Material ) .
For recommended footprint and soldering techniques refer to application note #AN-994
Parameter
Max.
Units
ID @ TC = 25°C
Continuous Drain Current, VGS @ 10V
35
…
ID @ TC = 100°C
Continuous Drain Current, VGS @ 10V
25
A
IDM
Pulsed Drain Current

140
PD @TC = 25°C
Power Dissipation
68
W
Linear Derating Factor
0.45
W/°C
VGS
Gate-to-Source Voltage
± 16
V
EAS
Single Pulse Avalanche Energy
‚
130
mJ
IAR
Avalanche Current

20
A
EAR
Repetitive Avalanche Energy

6.8
mJ
dv/dt
Peak Diode Recovery dv/dt
ƒ
5.0
V/ns
TJ
Operating Junction and
-55 to + 175
TSTG
Storage Temperature Range
Soldering Temperature, for 10 seconds
300 (1.6mm from case )
°C
Absolute Maximum Ratings
PD- 91316F


Número de pieza similar - IRLU3303

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Inchange Semiconductor ...
IRLU3303 ISC-IRLU3303 Datasheet
247Kb / 2P
isc N-Channel MOSFET Transistor
logo
International Rectifier
IRLU3303PBF IRF-IRLU3303PBF Datasheet
307Kb / 10P
HEXFET Power MOSFET
More results

Descripción similar - IRLU3303

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
AUK corp
STK730P AUK-STK730P Datasheet
398Kb / 8P
Power MOSFET
logo
Torex Semiconductor
XP131A1145SR TOREX-XP131A1145SR_1 Datasheet
427Kb / 5P
Power MOSFET
XP131A1715SR TOREX-XP131A1715SR_1 Datasheet
439Kb / 5P
Power MOSFET
XP132A1635SR TOREX-XP132A1635SR_1 Datasheet
447Kb / 5P
Power MOSFET
logo
Vishay Siliconix
IRF9Z14S VISHAY-IRF9Z14S Datasheet
2Mb / 8P
Power MOSFET
02-Jun-08
IRF630 VISHAY-IRF630 Datasheet
579Kb / 8P
Power MOSFET
21-Mar-11
IRF634N VISHAY-IRF634N Datasheet
162Kb / 8P
Power MOSFET
19-Jun-08
IRF710 VISHAY-IRF710 Datasheet
1,019Kb / 8P
Power MOSFET
30-May-08
logo
ON Semiconductor
NTMS4937N ONSEMI-NTMS4937N Datasheet
142Kb / 5P
Power MOSFET Power MOSFET
September, 2009 ??Rev. 0
NTP35N15G ONSEMI-NTP35N15G Datasheet
161Kb / 7P
Power MOSFET Power MOSFET
May, 2010 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com