Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

XC6204A592ML Datasheet(PDF) 18 Page - Torex Semiconductor

No. de pieza XC6204A592ML
Descripción Electrónicos  (Can be used with low ESR Capacitor Compatible. ON-OFF Switch) High Speed LDO Regulators
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TOREX [Torex Semiconductor]
Página de inicio  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6204A592ML Datasheet(HTML) 18 Page - Torex Semiconductor

Back Button XC6204A592ML Datasheet HTML 14Page - Torex Semiconductor XC6204A592ML Datasheet HTML 15Page - Torex Semiconductor XC6204A592ML Datasheet HTML 16Page - Torex Semiconductor XC6204A592ML Datasheet HTML 17Page - Torex Semiconductor XC6204A592ML Datasheet HTML 18Page - Torex Semiconductor XC6204A592ML Datasheet HTML 19Page - Torex Semiconductor XC6204A592ML Datasheet HTML 20Page - Torex Semiconductor XC6204A592ML Datasheet HTML 21Page - Torex Semiconductor XC6204A592ML Datasheet HTML 22Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 28 page
background image
XC6204 Series
274
3
5
4
3
2
1
0
-1
1.88
1.86
1.84
1.82
1.80
1.78
1.76
XC6204x182
Time (40
µsec/div)
IOUT=100mA, tr=tf=5
µsec
CL=1.0
µF(ceramic)
Input Voltage
Output Voltage
6
5
4
3
2
1
0
2.58
2.56
2.54
2.52
2.50
2.48
2.46
XC6204x252
Time (40
µsec/div)
IOUT=1mA, tr=tf=5
µsec
CL=1.0
µF(ceramic)
Input Voltage
Output Voltage
6
5
4
3
2
1
0
2.58
2.56
2.54
2.52
2.50
2.48
2.46
XC6204x252
Time (40
µsec/div)
IOUT=30mA, tr=tf=5
µsec
CL=1.0
µF(ceramic)
Input Voltage
Output Voltage
5
4
3
2
1
0
-1
1.88
1.86
1.84
1.82
1.80
1.78
1.76
XC6204x182
Time (40
µsec/div)
IOUT=30mA, tr=tf=5
µsec
CL=1.0
µF(ceramic)
Input Voltage
Output Voltage
5
4
3
2
1
0
-1
1.88
1.86
1.84
1.82
1.80
1.78
1.76
XC6204x182
Time (40
µsec/div)
IOUT=1mA, tr=tf=5
µsec
CL=1.0
µF(ceramic)
Input Voltage
Output Voltage
(8) INPUT TRANSIENT RESPONSE
XC6204XXX2
-50 -25
0
25
50
75
100
Ambient Temp.:Topr (
°C)
100
90
80
70
60
50
“L”Level Voltage
“H”Level Voltage
VIN=VOUT+1V, RL=100Ω
CIN=CL=1.0
µF(ceramic)
(7) CE PIN THRESHOLD VOLTAGE vs. AMBIENT TEMPERATURE
6
5
4
3
2
1
0
2.58
2.56
2.54
2.52
2.50
2.48
2.46
XC6204x252
Time (40
µsec/div)
IOUT=100mA, tr=tf=5
µsec
CL=1.0
µF(ceramic)
Output Voltage
Input Voltage
03S_04XC6204 02.9.12 2:57 PM ページ 274



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com