Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

XC6204A592ML Datasheet(PDF) 24 Page - Torex Semiconductor

No. de pieza XC6204A592ML
Descripción Electrónicos  (Can be used with low ESR Capacitor Compatible. ON-OFF Switch) High Speed LDO Regulators
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TOREX [Torex Semiconductor]
Página de inicio  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6204A592ML Datasheet(HTML) 24 Page - Torex Semiconductor

Back Button XC6204A592ML Datasheet HTML 20Page - Torex Semiconductor XC6204A592ML Datasheet HTML 21Page - Torex Semiconductor XC6204A592ML Datasheet HTML 22Page - Torex Semiconductor XC6204A592ML Datasheet HTML 23Page - Torex Semiconductor XC6204A592ML Datasheet HTML 24Page - Torex Semiconductor XC6204A592ML Datasheet HTML 25Page - Torex Semiconductor XC6204A592ML Datasheet HTML 26Page - Torex Semiconductor XC6204A592ML Datasheet HTML 27Page - Torex Semiconductor XC6204A592ML Datasheet HTML 28Page - Torex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 24 / 28 page
background image
XC6204 Series
280
3
-6
-4
2
0
-2
4
XC6204x252
Time (20
µsec/div)
IOUT=100mA, tr=5
µsec
VIN=0→3.5V, CL=1.0
µF(ceramic)
5
4
3
2
1
0
Input Voltage
Output Voltage
(10) TURN-ON RESPONSE TIME
-6
-4
2
0
-2
4
XC6204x182
Time (20
µsec/div)
IOUT=1mA, tr=5
µsec
VIN=0→2.8V, CL=1.0
µF(ceramic)
5
4
3
2
1
0
Input Voltage
Output Voltage
-6
-4
2
0
-2
4
XC6204x182
Time (20
µsec/div)
IOUT=30mA, tr=5
µsec
VIN=0→2.8V, CL=1.0
µF(ceramic)
5
4
3
2
1
0
Input Voltage
Output Voltage
-6
-4
2
0
-2
4
XC6204x182
Time (20
µsec/div)
IOUT=100mA, tr=5
µsec
VIN=0→2.8V, CL=1.0
µF(ceramic)
5
4
3
2
1
0
Input Voltage
Output Voltage
-6
-4
2
0
-2
4
XC6204x252
Time (20
µsec/div)
IOUT=1mA, tr=5
µsec
VIN=0→3.5V, CL=1.0
µF(ceramic)
5
4
3
2
1
0
Input Voltage
Output Voltage
-6
-4
2
0
-2
4
XC6204x252
Time (20
µsec/div)
IOUT=30mA, tr=5
µsec
VIN=0→3.5V, CL=1.0
µF(ceramic)
5
4
3
2
1
0
Input Voltage
Output Voltage
03S_04XC6204 02.9.12 2:57 PM ページ 280



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com