| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
STMPE16M31PX Datasheet(PDF) 57 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STMPE16M31PX Datasheet(HTML) 57 Page - STMicroelectronics |
|
57 / 75 page ![]() STMPE16M31PX Touch sensor controller Doc ID 17058 Rev 2 57/75 CH_DATA-n CHDATA-n registers (0-15) Address: 0xC0-0xDF Type: RW Reset: 0x00 Description: Capacitive sensor channel data. The type of data represented by this register depends on the channel data type register (0x7C). LSB, address : 0xC0 + (2*N), N = channel number MSB, address : 0xC0 + (2*N+1), N = channel numer 76 543 210 Channel N data [7:0] RW RW RW RW RW RW RW RW 00 000 000 76 543 210 Channel N data [15:8] RW RW RW RW RW RW RW RW 00 000 000 [16:0] Channel data Display data selected by channel data type register (0x7C) Obsolete Product(s) - Obsolete Product(s) |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |