| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
STMPE16M31PX Datasheet(PDF) 31 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STMPE16M31PX Datasheet(HTML) 31 Page - STMicroelectronics |
|
31 / 75 page ![]() STMPE16M31PX Interrupt service routine Doc ID 17058 Rev 2 31/75 8 Interrupt service routine On receiving an interrupt, system software should: Read InterruptStatus If (GPIO.bit==1) { Read InterruptStatusGPIO Process GPIO INT Write InterruptStatusGPIO to clear the corresponding bit Write InterruptStatus to clear the corresponding bit } If (PWM.bit==1) { Read InterruptStatusPWM Process PWM INT Write InterruptStatusPWM to clear the corresponding bit Write InterruptStatus to clear the corresponding bit } If ( EV_ALARM or TOUCHSCREEN or TOUCHKEY) { Process INT Write InterruptStatus to clear the corresponding bit } Obsolete Product(s) - Obsolete Product(s) |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |