| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
STMPE16M31PX Datasheet(PDF) 11 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STMPE16M31PX Datasheet(HTML) 11 Page - STMicroelectronics |
|
11 / 75 page ![]() STMPE16M31PX I2C interface module Doc ID 17058 Rev 2 11/75 Figure 5. Read and write modes (random and sequential) On e By te Re a d Mo r e t h a n On e By te Re a d On e By te Wr it e M or e th an On e By te Wr it e Ma s t e r Sla ve I2 C Tra n s a c t io n U s ing 7-B it A d d res s ing On e By te Re a d Mo r e t h a n On e By te Re a d On e By te Wr it e Mo r e t h a n On e By te Wr it e Ma s t e r Sla ve I2 C Tra n s a c t io n U s ing 10-B it A d dres s in g Da ta to Wr ite + 1 Da ta to Wr ite + 2 De v A ddr (2 M S B ) De v A ddr (2 M S B ) De v Ad d r (8 LS B ) Reg A ddr Da ta to Wr ite … De v A ddr (2 M S B ) De v Ad d r (8 LS B ) Reg A ddr 1111 0 De v A ddr (2 M S B ) Da ta Re a d De v A ddr Reg Ad d r De v A ddr Da ta Re a d Da ta Read + 1 Da ta Re a d + 2 De v A ddr Reg Ad d r Da ta to be Wr itte n De v A ddr Reg Ad d r De v A ddr Da ta Re a d 111 10 Da ta to Wr ite + 1 Da ta to Wr ite + 2 De v A ddr Reg Ad d r Da ta to Wr ite De v A ddr (2 M S B ) De v Ad d r (8 LS B ) Reg A ddr 111 10 … Da ta Re a d Da ta Read + 1 Da ta Re ad + 2 De v Ad d r (8 LS B ) Reg A ddr 111 10 111 10 Da ta to Wr ite 1111 0 De v A ddr (2 M S B ) Da ta Re a d Obsolete Product(s) - Obsolete Product(s) |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |