| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
STMPE16M31PX Datasheet(PDF) 28 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STMPE16M31PX Datasheet(HTML) 28 Page - STMicroelectronics |
|
28 / 75 page ![]() System controller STMPE16M31PX 28/75 Doc ID 17058 Rev 2 GPIO_INT_STA Interrupt status GPIO register Address: 0x0A – 0x0B Type: R/W Reset: 0x0000 Description: This register reflects the status of GPIO that has been configured as input. When there is a change in GPIO state, the corresponding bit will be set to ‘1’ by hardware. Writing ‘1’ to the corresponding bit clears it. Writing ‘0’ has no effect. LSB (0x0A) MSB (0x0B) 76 543 210 IO-7 IO-6 IO-5 IO-4 IO-3 IO-2 IO-1 IO-0 RW RW RW RW RW RW RW RW 00 000 000 76 543 210 IO-15 IO-14 IO-13 IO-12 IO-11 IO-10 IO-9 IO-8 RW RW RW RW RW RW RW RW 00 000 000 [7:0] IO - X: Interrupt status of GPIO - X Read ‘1’ if state transition is detected in corresponding GPIO channel Write’1’ to clear the interrupt staus. Obsolete Product(s) - Obsolete Product(s) |
|
Enlace URL |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |