| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about AD5671R Datasheet
# Example questions:
➢ What is the typical dc psrr specification for the ad5679/ad5679r, and what does psrr stand for?
➢ What is the maximum short-circuit current (iout) for the ad5679-1 when vdd is 5v?
➢ What are the two different gain options available with the ad5679/ad5679r, and how does the reference input range change based on the selected gain?
1. Key Products:
️· AD5674/AD5674R: 16-bit DAC (Digital-to-Analog Converter). R indicates a variant.
️· AD5679/AD5679R: 16-bit DAC (Digital-to-Analog Converter). R indicates a variant. The data shows the AD5679 has slightly more detailed specifications compared to the AD5674.
2. General Specifications (Applies broadly to both AD5674/AD5679, though values may vary – see product-specific sections below):
️· Resolution: 16 bits
️· Power Supply Voltage (V DD): 2.7V to 5.5V
️· Logic Supply Voltage (V LOGIC): 1.62V to 5.5V
️· Reference Input Range: Defined by VDD/2 and VDD.
️· Reference Input Current: 0.8 - 1.6 mA
️· Reference Input Impedance: 3.5kΩ - 7kΩ (depending on gain)
️· Gain: Both devices have gain options (1 and 2).
️· Output Range: 0V - potentially based on VDD (although specific values are given in the product-specific sections)
️· Capacitive Load Stability: The ability to handle capacitive loads on the output.
️· Short-Circuit Current Protection: Limited current to protect the device.
️· Power-Up Time: Time taken for the DAC to reach a stable output after power-on.
️· Reference Input: Specified voltage and current ranges.
️· Internal Reference Setup: Mentioned regarding output voltage.
3. AD5674/AD5679 Specifics (Key Differences & Values)
| Specification | AD5674/R | AD5679/R | Units |
|---|---|---|---|
| INL (Integral Nonlinearity) | ±1.8 | ±4 | LSB |
| DNL (Differential Nonlinearity) | ±4 | ±1.7 | LSB |
| Zero Code Error | ±1.7 | ±4 | LSB |
| Offset Error | ±4 | ±0.7 | mV |
| Full-Scale Error | ±1 | ±1 | mV |
| Gain Error | ±0.5 | ±0.5 | % of FSR |
| TUE (Total Unadjusted Error) | ±1 | ±1 | % of FSR |
| Offset Error Drift | 0.8 | 1.6 | µV/°C |
| DC PSRR (Power Supply Rejection Ratio) | - | -0.75 | dB |
| DC Crosstalk | - | ±2 | dB |
| Output Power-Up Voltage | 0 | 0 | V |
| Output Range | 0 | 0 | V |
| Capacitive Load Stability | 1.25 | 2.5 | nF |
| Short-Circuit Current | 0 | 0 | A |
| Load Impedance at Rails | 2.5 | 0 | Ω |
| Power-Up Time | 5 | 2 | µs |
1. Key Products:
️· AD5674/AD5674R: 16-bit DAC (Digital-to-Analog Converter). R indicates a variant.
️· AD5679/AD5679R: 16-bit DAC (Digital-to-Analog Converter). R indicates a variant. The data shows the AD5679 has slightly more detailed specifications compared to the AD5674.
2. General Specifications (Applies broadly to both AD5674/AD5679, though values may vary – see product-specific sections below):
️· Resolution: 16 bits
️· Power Supply Voltage (V DD): 2.7V to 5.5V
️· Logic Supply Voltage (V LOGIC): 1.62V to 5.5V
️· Reference Input Range: Defined by VDD/2 and VDD.
️· Reference Input Current: 0.8 - 1.6 mA
️· Reference Input Impedance: 3.5kΩ - 7kΩ (depending on gain)
️· Gain: Both devices have gain options (1 and 2).
️· Output Range: 0V - potentially based on VDD (although specific values are given in the product-specific sections)
️· Capacitive Load Stability: The ability to handle capacitive loads on the output.
️· Short-Circuit Current Protection: Limited current to protect the device.
️· Power-Up Time: Time taken for the DAC to reach a stable output after power-on.
️· Reference Input: Specified voltage and current ranges.
️· Internal Reference Setup: Mentioned regarding output voltage.
3. AD5674/AD5679 Specifics (Key Differences & Values)
| Specification | AD5674/R | AD5679/R | Units |
|---|---|---|---|
| INL (Integral Nonlinearity) | ±1.8 | ±4 | LSB |
| DNL (Differential Nonlinearity) | ±4 | ±1.7 | LSB |
| Zero Code Error | ±1.7 | ±4 | LSB |
| Offset Error | ±4 | ±0.7 | mV |
| Full-Scale Error | ±1 | ±1 | mV |
| Gain Error | ±0.5 | ±0.5 | % of FSR |
| TUE (Total Unadjusted Error) | ±1 | ±1 | % of FSR |
| Offset Error Drift | 0.8 | 1.6 | µV/°C |
| DC PSRR (Power Supply Rejection Ratio) | - | -0.75 | dB |
| DC Crosstalk | - | ±2 | dB |
| Output Power-Up Voltage | 0 | 0 | V |
| Output Range | 0 | 0 | V |
| Capacitive Load Stability | 1.25 | 2.5 | nF |
| Short-Circuit Current | 0 | 0 | A |
| Load Impedance at Rails | 2.5 | 0 | Ω |
| Power-Up Time | 5 | 2 | µs |
| Part No. | AD5671R |
| Manufacturer | AD |
| Size | 1Mb |
| Pages | 32 pages |
| Description | 16-Channel, 12-/16-Bit nanoDAC+ with 2 ppm/°C Voltage Reference Temperature Coefficient, SPI Interface |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |