Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

AD7011 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about AD7011 Datasheet

  • # Example questions: ➢ What is the primary function of the π/4 dqpsk modulator within the ad7011, and how does it generate the i and q data?
    ➢ How does the ad7011 handle envelope shaping at the beginning and end of a transmit burst, and what signal controls this process?
    ➢ Explain the purpose of the transmit calibration routine and what signal indicates its completion.

  • Part No.AD7011
    ManufacturerAD
    Size389 Kbytes
    Pages12 pages
    DescriptionCMOS, ADC p/4 DQPSK Baseband Transmit Port
    Datasheet Summary with AI

    1. Overall Function & Purpose

    ️· The AD711's transmit section is designed to generate π/4 DQPSK (Differential Quadrature Phase Shift Keying) waveforms, adhering to TIA specifications for cellular transmission.
    ️· It also includes an "analog mode" allowing for emulation of analog cellular systems – essentially, a direct path to the DACs bypassing the DQPSK modulator.

    2. π/4 DQPSK Modulator - Core Operation

    ️· Digital Encoding: Serial transmit data (TxDATA) is converted into 2-bit symbols (Xk, Yk). A *differential phase encoder* then generates I and Q impulses (Ik, Qk) based on these symbols. This utilizes phase changes rather than absolute phase values.
    - Formula for I & Q: `I_k = COS( φ_(k-1) + ∆φ_k )` and `Q_k = SIN( φ_(k-1) + ∆φ_k )`
    ️· Constellation Diagram: The eight possible states of the I/Q data are defined by the constellation diagram (Figure 2) – representing phase shifts.
    ️· Root-Raised Cosine Filters: The I and Q impulses are passed through FIR root-raised cosine filters (with α = 0.35). These filters shape the data and reduce distortion; they have an impulse response of ±4 symbols.

    3. Transmit Calibration

    ️· Self-Calibration Routine: Upon exiting sleep mode (POWER high), the transmit section performs a self-calibration to eliminate offsets between ITx and ITx and between QTx and QTx.
    ️· READY Signal: The READY signal goes high when self-calibration completes. BIN (Burst In) must be high *after* READY is high to start transmission.

    4. Ramp-Up/Down Envelope Logic

    ️· Purpose: Provides power shaping at the beginning and end of a transmission burst.
    ️· Ramp-Up: When BIN goes high:
    - The modulator is reset to all zeros.
    - The first three symbols transmitted are all zeros, causing the ramp-up envelope to go from zero to full scale.
    - The next symbol ([I1, Q1]) represents the first two data bits clocked in *after* BIN went high.
    ️· Ramp-Down: When BIN goes low:
    - The Nth symbol is the last active symbol.
    - Four additional symbols ([XN+5 to XN+8]) are latched to complete the ramp-down process, given the 4-symbol impulse response of the filters.

    5. Key Technical Details & Signals

    ️· π/4 DQPSK: Differential Quadrature Phase Shift Keying – a modulation scheme.
    ️· TxDATA: Serial transmit data input.
    ️· Xk, Yk: 2-bit symbols.
    ️· Ik, Qk: I and Q impulses.
    ️· POWER: Control signal for sleep/wake.
    ️· READY: Indicates completion of self-calibration.
    ️· BIN: Initiates transmit burst.
    ️· α = 0.35: Parameter defining the shape of the root-raised cosine filters.

    1. Overall Function & Purpose

    ️· The AD711's transmit section is designed to generate π/4 DQPSK (Differential Quadrature Phase Shift Keying) waveforms, adhering to TIA specifications for cellular transmission.
    ️· It also includes an "analog mode" allowing for emulation of analog cellular systems – essentially, a direct path to the DACs bypassing the DQPSK modulator.

    2. π/4 DQPSK Modulator - Core Operation

    ️· Digital Encoding: Serial transmit data (TxDATA) is converted into 2-bit symbols (Xk, Yk). A *differential phase encoder* then generates I and Q impulses (Ik, Qk) based on these symbols. This utilizes phase changes rather than absolute phase values.
    - Formula for I & Q: `I_k = COS( φ_(k-1) + ∆φ_k )` and `Q_k = SIN( φ_(k-1) + ∆φ_k )`
    ️· Constellation Diagram: The eight possible states of the I/Q data are defined by the constellation diagram (Figure 2) – representing phase shifts.
    ️· Root-Raised Cosine Filters: The I and Q impulses are passed through FIR root-raised cosine filters (with α = 0.35). These filters shape the data and reduce distortion; they have an impulse response of ±4 symbols.

    3. Transmit Calibration

    ️· Self-Calibration Routine: Upon exiting sleep mode (POWER high), the transmit section performs a self-calibration to eliminate offsets between ITx and ITx and between QTx and QTx.
    ️· READY Signal: The READY signal goes high when self-calibration completes. BIN (Burst In) must be high *after* READY is high to start transmission.

    4. Ramp-Up/Down Envelope Logic

    ️· Purpose: Provides power shaping at the beginning and end of a transmission burst.
    ️· Ramp-Up: When BIN goes high:
    - The modulator is reset to all zeros.
    - The first three symbols transmitted are all zeros, causing the ramp-up envelope to go from zero to full scale.
    - The next symbol ([I1, Q1]) represents the first two data bits clocked in *after* BIN went high.
    ️· Ramp-Down: When BIN goes low:
    - The Nth symbol is the last active symbol.
    - Four additional symbols ([XN+5 to XN+8]) are latched to complete the ramp-down process, given the 4-symbol impulse response of the filters.

    5. Key Technical Details & Signals

    ️· π/4 DQPSK: Differential Quadrature Phase Shift Keying – a modulation scheme.
    ️· TxDATA: Serial transmit data input.
    ️· Xk, Yk: 2-bit symbols.
    ️· Ik, Qk: I and Q impulses.
    ️· POWER: Control signal for sleep/wake.
    ️· READY: Indicates completion of self-calibration.
    ️· BIN: Initiates transmit burst.
    ️· α = 0.35: Parameter defining the shape of the root-raised cosine filters.

    Part No.AD7011
    ManufacturerAD
    Size389 Kbytes
    Pages12 pages
    DescriptionCMOS, ADC p/4 DQPSK Baseband Transmit Port
    ¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

    Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
    All Rights Reserved©Alldatasheet.com


    Mirror Sites
    English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
    Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
    Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
    Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
    Family Site : ic2ic.com  |   icmetro.com