| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
UPD78044F Datasheet(PDF) 33 Page - NEC |
|
|
|||||||||||||||||||||||||||||
UPD78044F Datasheet(HTML) 33 Page - NEC |
|
33 / 472 page ![]() 33 Chapter 1 Outline (µPD780828A Subseries) User’s Manual U16504EE1V1UD00 1.9 Differences between Flash and Mask ROM version The differences between the two versions are shown in the table below. Differences of the electrical specification are given in the data sheet. Table 1-3: Differences between Flash and Mask ROM version Flash Version Mask ROM Version ROM Flash EEPROM Mask ROM VPP Pin Yes None (IC pin) Internal Expansion RAM 2016 bytes 480 bytes µPD780824A 480 bytes µPD780826A 2016 bytes µPD780828A |