Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

UPD78044F Datasheet(PDF) 79 Page - NEC

No. de pieza UPD78044F
Descripción Electrónicos  8-bit Single-Chip Microcontroller
PDF  472 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NEC [NEC]
Página de inicio  http://www.nec.com/
Logo NEC - NEC

UPD78044F Datasheet(HTML) 79 Page - NEC

Back Button UPD78044F Datasheet HTML 75Page - NEC UPD78044F Datasheet HTML 76Page - NEC UPD78044F Datasheet HTML 77Page - NEC UPD78044F Datasheet HTML 78Page - NEC UPD78044F Datasheet HTML 79Page - NEC UPD78044F Datasheet HTML 80Page - NEC UPD78044F Datasheet HTML 81Page - NEC UPD78044F Datasheet HTML 82Page - NEC UPD78044F Datasheet HTML 83Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 472 page
background image
79
Chapter 3
CPU Architecture
User’s Manual U16504EE1V1UD00
3.4.6 Register indirect addressing
The memory is addressed with the contents of the register pair specified as an operand. The register
pair to be accessed is specified with the register bank select flag (RBS0 and RBS1) and the register
pair specify code in the instruction code. This addressing can be carried out for all the memory spaces.
Operand format
Figure 3-23:
Register indirect addressing
(a) Description example
MOV A, [DE]; when selecting [DE] as register pair
(b) Illustration
Table 3-11:
Register indirect addressing
Identifier
Description
-
[DE], [HL]
Operation code
10000101
16
0
8
D
7
E
Memory
The contents of addressed
memory are transferred
Memory address specified
by register pair DE
7
A
DE
0
0
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More