Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

UPD78044F Datasheet(PDF) 53 Page - NEC

No. de pieza UPD78044F
Descripción Electrónicos  8-bit Single-Chip Microcontroller
PDF  472 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NEC [NEC]
Página de inicio  http://www.nec.com/
Logo NEC - NEC

UPD78044F Datasheet(HTML) 53 Page - NEC

Back Button UPD78044F Datasheet HTML 49Page - NEC UPD78044F Datasheet HTML 50Page - NEC UPD78044F Datasheet HTML 51Page - NEC UPD78044F Datasheet HTML 52Page - NEC UPD78044F Datasheet HTML 53Page - NEC UPD78044F Datasheet HTML 54Page - NEC UPD78044F Datasheet HTML 55Page - NEC UPD78044F Datasheet HTML 56Page - NEC UPD78044F Datasheet HTML 57Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 472 page
background image
53
Chapter 3
CPU Architecture
User’s Manual U16504EE1V1UD00
The memory map of the µPD780828A is shown in Figure 3-3.
Figure 3-3:
Memory Map of the µPD780828A
Notes: 1. In the expansion RAM between F000H and F3FFH it is possible to do code execution.
2. In the expansion RAM between F400H and F7DFH it is not possible to do code execution.
FFFFH
FF00H
FEFFH
FA80H
FA7FH
FEE0H
FEDFH
0000H
EFFFH
1000H
0FFFH
0800H
07FFH
0080H
007FH
0040H
003FH
0000H
LCD Display RAM
28 x 4 bits
Expansion RAM
480 Bytes
(shared with DCAN)
Program Area
CALLF Entry Area
Program Area
CALLT Table Area
Vector Table Area
Special Function Register
(SFR) 256 x 8 bits
General Registers
32 x 8 bits
Internal High-speed RAM
1024 x 8 bits
Internal ROM
60 Kbytes
Not usable
Not usable
FF20H
FF1FH
FE20H
FA64H
FA63H
FAFFH
F7E0H
F7DFH
F600H
F5FFH
F000H
EFFFH
Expansion RAM
512 Bytes
FB00H
Expansion RAM
1024 Bytes
F400H
F3FFH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More