| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
UPD78044F Datasheet(PDF) 72 Page - NEC |
|
|
|||||||||||||||||||||||||||||
UPD78044F Datasheet(HTML) 72 Page - NEC |
|
72 / 472 page ![]() 72 Chapter 3 CPU Architecture User’s Manual U16504EE1V1UD00 3.3.3 Table indirect addressing Table contents (branch destination address) of the particular location to be addressed by bits 1 to 5 of the immediate data of an operation code are transferred to the program counter (PC) and branched. Table indirect addressing is carried out when the CALLT [addr5] instruction is executed. This instruction can refer to the address stored in the memory table 40H to 7FH and branch to all the memory space. Figure 3-17: Table Indirect Addressing 15 1 15 0 PC 70 Low Addr. High Addr. Memory (Table) Effective Address+1 Effective Address 01 00000000 87 87 65 0 0 1 11 76 5 1 0 ta4–0 Operation Code |