Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

UPD78044F Datasheet(PDF) 35 Page - NEC

No. de pieza UPD78044F
Descripción Electrónicos  8-bit Single-Chip Microcontroller
PDF  472 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NEC [NEC]
Página de inicio  http://www.nec.com/
Logo NEC - NEC

UPD78044F Datasheet(HTML) 35 Page - NEC

Back Button UPD78044F Datasheet HTML 31Page - NEC UPD78044F Datasheet HTML 32Page - NEC UPD78044F Datasheet HTML 33Page - NEC UPD78044F Datasheet HTML 34Page - NEC UPD78044F Datasheet HTML 35Page - NEC UPD78044F Datasheet HTML 36Page - NEC UPD78044F Datasheet HTML 37Page - NEC UPD78044F Datasheet HTML 38Page - NEC UPD78044F Datasheet HTML 39Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 472 page
background image
35
User’s Manual U16504EE1V1UD00
Chapter 2
Pin Function (µPD780828A Subseries)
2.1 Pin Function List
Normal Operating Mode Pins / Pin Input/Output Types
Table 2-1: Pin Input/Output Types (1/2)
Input/Output
Pin Name
Function
Alternate Function
After
Reset
Input/Output
P00
Port 0
4 bit input / output port
input / output mode can be specified bit-wise
If used as an input port, a pull-up resistor can be
connected by software bit-wise
INTP0
Input
P01
INTP1
Input
P02
INTP2
Input
P03
CCLK
Input
Input
P10-P14
Port 1
5 bit input port
ANI0-ANI4
Input
Input/Output
P20
Port 2
8 bit output port
SM11
Hi-z
P21
SM12
Hi-z
P22
SM13
Hi-z
P23
SM14
Hi-z
P24
SM21
Hi-z
P25
SM22
Hi-z
P26
SM23
Hi-z
P27
SM24
Hi-z
Input/Output
P34
Port 3
4 bit input / output port
input / output mode can be specified bit-wise
If used as an input port, a pull-up resistor can be
connected by software bit-wise
This port can be used as a segment signal output
port or an I/O port in 1 bit unit by setting port function
TI50/TO50/S27
Input
P35
SCK30/S26
Input
P36
SO30/S25
Input
P37
SI30/S24
Input
Input/Output P40-P47
Port 4
8 bit input / output port
input / output mode can be specified bit-wise
If used as an input port, a pull-up resistor can be
connected by software bit-wise
This port can be used as a segment output port or
an I/O port, in 8 bit unit by setting port function
S0-S7
Input
Input/Output
P50
Port 5
8 bit output port
SM31
Hi-z
P51
SM32
Hi-z
P52
SM33
Hi-z
P53
SM34
Hi-z
P54
SM41
Hi-z
P55
SM42
Hi-z
P56
SM43
Hi-z
P57
SM44
Hi-z



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More