Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

HSE-B18X-035H Datasheet(PDF) 2 Page - CUI INC

No. de pieza HSE-B18X-035H
Descripción Electrónicos  HEAT SINK
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CUI [CUI INC]
Página de inicio  http://www.cui.com
Logo CUI - CUI INC

HSE-B18X-035H Datasheet(HTML) 2 Page - CUI INC

  HSE-B18X-035H Datasheet HTML 1Page - CUI INC HSE-B18X-035H Datasheet HTML 2Page - CUI INC HSE-B18X-035H Datasheet HTML 3Page - CUI INC HSE-B18X-035H Datasheet HTML 4Page - CUI INC HSE-B18X-035H Datasheet HTML 5Page - CUI INC HSE-B18X-035H Datasheet HTML 6Page - CUI INC HSE-B18X-035H Datasheet HTML 7Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
cui.com
CUI Inc
│ SERIES: HSE-B18X-035H │ DESCRIPTION: HEAT SINK
date 09/07/2017
│ page 2 of 7
0
10
20
30
40
50
60
70
80
90
100
01
23
45
Dissipated Power (W)
6
789
10
11
12
13
14
15
Without Airflow
200 LFM
400 LFM
Heatsink Temperature Rise Above
Ambient (ΔT = Ths - Ta) (°C)
Power
(W)
Natural
Conv.
200 LFM
400 LFM
0
0
0
0
1
10.96
3.63
2.80
2
20.38
7.98
5.65
3
29.02
12.37
8.21
4
36.58
16.50
10.28
5
43.86
20.35
13.11
6
51.12
24.67
16.43
7
58.09
28.82
19.32
8
64.74
33.13
22.54
9
70.97
37.07
25.55
10
76.83
41.01
28.51
11
83.01
45.19
31.32
12
88.74
49.10
33.54
13
94.93
53.11
35.98
14
100.86
57.05
39.63
15
106.26
61.16
42.76
Ths: “hot spot” temperature measured on the heatsink
Ta: ambient temperature
HSE-B18317-035H
PERFORMANCE CURVES (CONTINUED)
For more information, please visit the product page.



Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com