Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

HSE-B18X-035H Datasheet(PDF) 3 Page - CUI INC

No. de pieza HSE-B18X-035H
Descripción Electrónicos  HEAT SINK
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CUI [CUI INC]
Página de inicio  http://www.cui.com
Logo CUI - CUI INC

HSE-B18X-035H Datasheet(HTML) 3 Page - CUI INC

  HSE-B18X-035H Datasheet HTML 1Page - CUI INC HSE-B18X-035H Datasheet HTML 2Page - CUI INC HSE-B18X-035H Datasheet HTML 3Page - CUI INC HSE-B18X-035H Datasheet HTML 4Page - CUI INC HSE-B18X-035H Datasheet HTML 5Page - CUI INC HSE-B18X-035H Datasheet HTML 6Page - CUI INC HSE-B18X-035H Datasheet HTML 7Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
cui.com
CUI Inc
│ SERIES: HSE-B18X-035H │ DESCRIPTION: HEAT SINK
date 09/07/2017
│ page 3 of 7
0
10
20
30
40
50
60
70
80
90
100
01
23
45
Dissipated Power (W)
67
89
10
11
12
13
14
15
Without Airflow
200 LFM
400 LFM
Heatsink Temperature Rise Above
Ambient (ΔT = Ths - Ta) (°C)
Power
(W)
Natural
Conv.
200 LFM
400 LFM
0
0
0
0
1
8.34
3.52
2.48
2
17.28
7.15
5.14
3
24.87
10.93
7.81
4
31.91
13.98
10.40
5
37.99
17.64
12.99
6
43.96
21.23
15.68
7
49.59
24.98
18.29
8
55.07
28.39
20.98
9
60.30
32.32
23.53
10
65.45
36.09
26.23
11
70.65
39.56
28.77
12
75.05
43.04
31.44
13
79.53
46.43
34.11
14
83.55
49.75
36.86
15
88.31
53.73
39.41
Ths: “hot spot” temperature measured on the heatsink
Ta: ambient temperature
HSE-B18381-035H
PERFORMANCE CURVES (CONTINUED)
For more information, please visit the product page.



Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com