Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

HSE-B18X-035H Datasheet(PDF) 1 Page - CUI INC

No. de pieza HSE-B18X-035H
Descripción Electrónicos  HEAT SINK
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CUI [CUI INC]
Página de inicio  http://www.cui.com
Logo CUI - CUI INC

HSE-B18X-035H Datasheet(HTML) 1 Page - CUI INC

  HSE-B18X-035H Datasheet HTML 1Page - CUI INC HSE-B18X-035H Datasheet HTML 2Page - CUI INC HSE-B18X-035H Datasheet HTML 3Page - CUI INC HSE-B18X-035H Datasheet HTML 4Page - CUI INC HSE-B18X-035H Datasheet HTML 5Page - CUI INC HSE-B18X-035H Datasheet HTML 6Page - CUI INC HSE-B18X-035H Datasheet HTML 7Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
date 09/07/2017
page 1 of 7
cui.com
SERIES: HSE-B18X-035H
│ DESCRIPTION: HEAT SINK
FEATURES
• TO-218 package
• placement pins for secure PCB attachment
• round hole for component attachment
• multiple available cut lengths
MODEL
thermal resistance1
power
dissipation1
length
(mm)
@ 75°C ΔT,
nat conv
(°C/W)
@ 1 W,
nat conv
(°C/W)
@ 1 W,
200 LFM
(°C/W)
@ 1 W,
400 LFM
(°C/W)
@ 75°C ΔT,
nat conv
(W)
HSE-B18254-035H
25.4
9.26
13.52
3.09
2.86
8.10
HSE-B18317-035H
31.75
7.65
10.96
3.63
2.80
9.80
HSE-B18381-035H
38.1
6.25
8.34
3.52
2.48
12.00
HSE-B18508-035H
50.8
5.86
8.63
2.98
2.21
12.80
HSE-B18635-035H
63.5
4.49
6.61
2.24
1.22
16.70
Note:
1. See performance curves for full thermal resistance details.
2. Custom cut to length options available. Thermal data not available on custom lengths.
PERFORMANCE CURVES
0
10
20
30
40
50
60
70
80
90
100
01
2345
Dissipated Power (W)
678
910
Without Airflow
200 LFM
400 LFM
Heatsink Temperature Rise Above
Ambient (ΔT = Ths - Ta) (°C)
Power
(W)
Natural
Conv.
200 LFM
400 LFM
0
0
0
0
1
13.52
3.09
2.86
2
24.58
6.19
4.94
3
33.71
9.47
7.42
4
42.65
12.64
9.60
5
51.54
15.85
12.11
6
58.98
18.94
14.54
7
67.25
22.34
16.84
8
74.76
25.54
19.31
9
82.16
28.87
21.66
10
89.43
31.89
23.95
Ths: “hot spot” temperature measured on the heatsink
Ta: ambient temperature
HSE-B18254-035H
For more information, please visit the product page.


Número de pieza similar - HSE-B18X-035H

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
CUI INC
HSE-B18X-060H-W CUI-HSE-B18X-060H-W Datasheet
481Kb / 6P
HEAT SINK
More results

Descripción similar - HSE-B18X-035H

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
CUI INC
HSS-B20-02 CUI-HSS-B20-02 Datasheet
292Kb / 3P
HEAT SINK
HSE-18X CUI-HSE-18X Datasheet
512Kb / 6P
HEAT SINK
HSE-B18X-060H-W CUI-HSE-B18X-060H-W Datasheet
481Kb / 6P
HEAT SINK
HSE-B20250-045H CUI-HSE-B20250-045H Datasheet
294Kb / 3P
HEAT SINK
HSE-BX-035H CUI-HSE-BX-035H Datasheet
547Kb / 8P
HEAT SINK
HSE-BX-035H-01 CUI-HSE-BX-035H-01 Datasheet
378Kb / 4P
HEAT SINK
HSB05-171711 CUI-HSB05-171711 Datasheet
302Kb / 3P
HEAT SINK
HSB09-212115 CUI-HSB09-212115 Datasheet
391Kb / 3P
HEAT SINK
HSB14-353518 CUI-HSB14-353518 Datasheet
396Kb / 3P
HEAT SINK
logo
CUI Devices
HSB03-141406 CUID-HSB03-141406 Datasheet
362Kb / 3P
HEAT SINK
08/05/2022
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com