Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

HSE-B18X-035H Datasheet(PDF) 6 Page - CUI INC

No. de pieza HSE-B18X-035H
Descripción Electrónicos  HEAT SINK
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CUI [CUI INC]
Página de inicio  http://www.cui.com
Logo CUI - CUI INC

HSE-B18X-035H Datasheet(HTML) 6 Page - CUI INC

  HSE-B18X-035H Datasheet HTML 1Page - CUI INC HSE-B18X-035H Datasheet HTML 2Page - CUI INC HSE-B18X-035H Datasheet HTML 3Page - CUI INC HSE-B18X-035H Datasheet HTML 4Page - CUI INC HSE-B18X-035H Datasheet HTML 5Page - CUI INC HSE-B18X-035H Datasheet HTML 6Page - CUI INC HSE-B18X-035H Datasheet HTML 7Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
cui.com
CUI Inc
│ SERIES: HSE-B18X-035H │ DESCRIPTION: HEAT SINK
date 09/07/2017
│ page 6 of 7
MECHANICAL DRAWING
units: mm
tolerance: ±0.5 mm
MATERIAL
AL 6063-T5
FINISH
black anodized
PIN MATERIAL
steel
PIN PLATING
tin
*
MODEL NO.
LENGTH, L
(mm)
WEIGHT
(g)
HSE-B18254-035H*
25.4
20
HSE-B18317-035H
31.75
23
HSE-B18381-035H
38.1
28.34
HSE-B18508-035H
50.8
37.8
HSE-B18635-035H
63.5
50
Note:
* Mounting hole not present on 25.4 mm length model.
For more information, please visit the product page.



Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com