Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

HSE-B18X-035H Datasheet(PDF) 5 Page - CUI INC

No. de pieza HSE-B18X-035H
Descripción Electrónicos  HEAT SINK
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CUI [CUI INC]
Página de inicio  http://www.cui.com
Logo CUI - CUI INC

HSE-B18X-035H Datasheet(HTML) 5 Page - CUI INC

  HSE-B18X-035H Datasheet HTML 1Page - CUI INC HSE-B18X-035H Datasheet HTML 2Page - CUI INC HSE-B18X-035H Datasheet HTML 3Page - CUI INC HSE-B18X-035H Datasheet HTML 4Page - CUI INC HSE-B18X-035H Datasheet HTML 5Page - CUI INC HSE-B18X-035H Datasheet HTML 6Page - CUI INC HSE-B18X-035H Datasheet HTML 7Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
cui.com
CUI Inc
│ SERIES: HSE-B18X-035H │ DESCRIPTION: HEAT SINK
date 09/07/2017
│ page 5 of 7
0
10
20
30
40
50
60
70
80
90
100
012
34
5
Dissipated Power (W)
678
9101112131415
Without Airflow
200 LFM
400 LFM
16
19
17 18
20
Heatsink Temperature Rise Above
Ambient (ΔT = Ths - Ta) (°C)
Power
(W)
Natural
Conv.
200 LFM
400 LFM
0
0
0
0
1
6.61
2.24
1.22
2
12.73
4.57
2.80
3
17.96
7.08
4.43
4
23.17
9.36
5.95
5
27.87
11.84
7.45
6
32.13
14.18
9.12
7
37.08
16.65
10.83
8
41.69
19.14
12.37
9
45.91
21.56
13.84
10
49.93
24.05
15.42
11
53.54
26.41
17.20
12
57.87
28.59
18.81
13
61.43
31.04
20.31
14
65.76
33.48
21.97
15
69.68
35.82
23.48
16
73.44
38.17
25.05
17
77.08
40.51
26.93
18
80.18
42.90
28.82
19
83.71
45.25
30.61
20
87.57
47.63
32.29
Ths: “hot spot” temperature measured on the heatsink
Ta: ambient temperature
HSE-B18635-035H
PERFORMANCE CURVES (CONTINUED)
For more information, please visit the product page.



Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com